전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD5N20 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FQD5N20
상세설명  200V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD5N20 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FQD5N20 Datasheet HTML 1Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 2Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 3Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 4Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 5Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 6Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 7Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 8Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
  
 

81


#.
81
41
009
0:
009
/



81


#.
81
41
009
0:
009
/


81
41
05
;05


 
 


44

41
)
8
81
81
41
05
;05


 
 


44

41
)
8
81
.1 .1




411 44
411
44
41
411

44
.1
41
4


8

 4

.1 .1



.1 .1







411 44
411
44
41
411

44
.1
41
4


8

 4
 4

  #01 &$
"!#01 &$
2 $ 3"!#01 &$


유사한 부품 번호 - FQD5N20

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD5N20 FAIRCHILD-FQD5N20 Datasheet
701Kb / 9P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD5N20 ISC-FQD5N20 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L Datasheet
529Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

유사한 설명 - FQD5N20

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com