전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846PN-E6327 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 BC846PN-E6327
상세설명  NPN/PNP Silicon AF Transistor Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC846PN-E6327 데이터시트(HTML) 5 Page - Infineon Technologies AG

  BC846PN-E6327 Datasheet HTML 1Page - Infineon Technologies AG BC846PN-E6327 Datasheet HTML 2Page - Infineon Technologies AG BC846PN-E6327 Datasheet HTML 3Page - Infineon Technologies AG BC846PN-E6327 Datasheet HTML 4Page - Infineon Technologies AG BC846PN-E6327 Datasheet HTML 5Page - Infineon Technologies AG BC846PN-E6327 Datasheet HTML 6Page - Infineon Technologies AG BC846PN-E6327 Datasheet HTML 7Page - Infineon Technologies AG BC846PN-E6327 Datasheet HTML 8Page - Infineon Technologies AG BC846PN-E6327 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2011-10-05
5
BC846PN/UPN_BC847PN
DC current gain hFE = ƒ(IC)
VCE = 5 V
10
10
10
10
EHP00365
h
mA
-2
-1
12
FE
3
10
102
0
10
5
5
101
0
10
5
555
100
25
-50
Ι
C
C
C
C
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 20
10
0
EHP00367
V
CEsat
10
mA
10
Ι
C
10
2
1
0
-1
5
5
V
0.3
0.5
100
25
-50
0.1
0.2
0.4
C
C
C
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 20
0
10
EHP00364
BEsat
V
0.6
V
1.2
-1
100
101
2
10
5
5
Ι
C
mA
0.2
0.4
0.8
C
25
C
100 C
-50 C
Collector cutoff current ICBO = ƒ(TA)
VCBO = 30 V
10
0
50
100
150
EHP00381
T
A
5
10
10
nA
10
Ι
CB0
5
5
5
10
10
4
3
2
1
0
-1
max
typ
C


유사한 부품 번호 - BC846PN-E6327

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
logo
Infineon Technologies A...
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
logo
Nanjing International G...
BC846PN DGNJDZ-BC846PN Datasheet
1Mb / 6P
   SOT-363 Plastic-Encapsulate Transistors
More results

유사한 설명 - BC846PN-E6327

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
BC846SH6327XTSA1 INFINEON-BC846SH6327XTSA1 Datasheet
843Kb / 10P
   NPN Silicon AF Transistor Arrays
2012-04-04
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
logo
Chenmko Enterprise Co. ...
CH817UPNPT CHENMKO-CH817UPNPT Datasheet
95Kb / 4P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
BC846UPN INFINEON-BC846UPN Datasheet
151Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Jul-02-2001
SMBTA06UPN INFINEON-SMBTA06UPN Datasheet
142Kb / 5P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com