전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MRF1507 데이터시트(PDF) 5 Page - Motorola, Inc

부품명 MRF1507
상세설명  LATERAL NCHANNEL BROADBAND RF POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1507 데이터시트(HTML) 5 Page - Motorola, Inc

  MRF1507 Datasheet HTML 1Page - Motorola, Inc MRF1507 Datasheet HTML 2Page - Motorola, Inc MRF1507 Datasheet HTML 3Page - Motorola, Inc MRF1507 Datasheet HTML 4Page - Motorola, Inc MRF1507 Datasheet HTML 5Page - Motorola, Inc MRF1507 Datasheet HTML 6Page - Motorola, Inc MRF1507 Datasheet HTML 7Page - Motorola, Inc MRF1507 Datasheet HTML 8Page - Motorola, Inc MRF1507 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
MRF1507 MRF1507T1
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
Figure 10. Pout versus Drain Voltage
12
VDS, DRAIN VOLTAGE (V)
0
8
4
8
Figure 11. Pout versus IDQ
IDQ, (mA)
6
4
10
Figure 12. Pout versus Drain Voltage
12
VDS, DRAIN VOLTAGE (V)
0
Figure 13. Pout versus IDQ
10
IDQ, (mA)
4
Figure 14. Pout versus Pin
20
Pin, (dBm)
5
Figure 15. Pout versus Pin
Pin, (dBm)
5
23
20
4
9
13
8
0
400
600
0
9
12
800
900
1000
17
12
2
4
6
8
8
6
10
200
6
10
Pin = 250 mW
500 mW
700 mW
2
12
4
0
400
8
10
200
700
0
6
1000
Pin = 250 mW
500 mW
700 mW
56
7
9
10
24
22
21
23
25
VDD = 7.5 V
21
22
24
25
79
5
f = 500 MHz
VDD = 7.5 V
f = 500 MHz
VDD = 7.5 V
2
500
300
800
100
600
900
Pin = 250 mW
500 mW
700 mW
f = 520 MHz
VDD = 7.5 V
2
500
700
100
300
f = 520 MHz
VDD = 7.5 V
Pin = 250 mW
500 mW
700 mW
f = 135 MHz
IDQ = 800 mA
11
10
8
7
6
VDD = 7.5 V
VDD = 9 V
VDD = 9 V
f = 155 MHz
IDQ = 800 mA
7
11
15


유사한 부품 번호 - MRF1507

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
logo
Advanced Semiconductor
MRF150 ASI-MRF150 Datasheet
19Kb / 1P
   SILICON RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
More results

유사한 설명 - MRF1507

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
Motorola, Inc
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
   MOSFET BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com