전자부품 데이터시트 검색엔진 |
|
3-36-1D_ 데이터시트(PDF) 2 Page - Bourns Electronic Solutions |
|
3-36-1D_ 데이터시트(HTML) 2 Page - Bourns Electronic Solutions |
2 / 3 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. RF2, RF3, RF4 Series - Wideband Transformers Product Dimensions Type D 4 3 2 1 5 6 6.85 (.270) MAX 7.62 (.300) 6.35 (.249) MAX 0.38 (.015) 2.54 (.100) 0.45 (.018) 5.08 (.200) 3.81 (.150) MIN TYP. TYP. 8.38 (.330) TYP. Type J 4 3 2 1 5 6 8.38 (.330) 0.38 (.015) 0.25 (.010) 6.35 (.250) MAX TYP TYP 1.14 - 1.27 (.045 - .050) 1.14 - 1.27 (.045 - .050) Type W 4 3 2 1 5 6 10.92 (.430) 6.35 (.250) 0.38 (.015) 1.14 - 1.27 (.045 - .050) 1.90 (.075) TYP TYP 0.25 (.010) 1.14 - 1.27 (.045 - .050) 1.90 (.075) DIMENSIONS: MM (INCHES) Typical Frequency Response 2-4-1 3 dB Bandwidth 0.200-350 MHz Frequency (MHz) 2-3-1 3 dB Bandwidth 0.050-250 MHz Frequency (MHz) 3-1-1 3 dB Bandwidth 0.150-400 MHz Frequency (MHz) How To Order x - x - x x __ __ L Model Impedance Ratio (see “Ratio Impedance”) Type Number Termination Type (see “Product Dimensions”) D = Through-hole W = Surface Mount (Gull-Wing) J = Surface Mount (“J” Leads) Impedance Ratio P = Ratio: Primary to Secondary (R : 1) Blank = Ratio: Secondary to Primary (R : 1) Where “R” is the Ratio Impedance in Electrical Specifications chart Packaging E = Tape and Reel (Types J and W only) Blank = Tubes (Types D and W only) Termination Material L = 97Sn/2.5Cu/0.5Ag (RoHS Compliant) Packaging Tape and Reel (Types J and W only) ....................................... 700 pcs./reel Tubes (Types D and W only) ........................................ 68 pcs./tube |
유사한 부품 번호 - 3-36-1D_ |
|
유사한 설명 - 3-36-1D_ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |