전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3-2.5-6W_ 데이터시트(PDF) 2 Page - Bourns Electronic Solutions

부품명 3-2.5-6W_
상세설명  Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3-2.5-6W_ 데이터시트(HTML) 2 Page - Bourns Electronic Solutions

  3-2.5-6W_ Datasheet HTML 1Page - Bourns Electronic Solutions 3-2.5-6W_ Datasheet HTML 2Page - Bourns Electronic Solutions 3-2.5-6W_ Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
RF2, RF3, RF4 Series - Wideband Transformers
Product Dimensions
Type D
4
3
2
1
5
6
6.85
(.270)
MAX
7.62
(.300)
6.35
(.249)
MAX
0.38
(.015)
2.54
(.100)
0.45
(.018)
5.08
(.200)
3.81
(.150)
MIN
TYP.
TYP.
8.38
(.330)
TYP.
Type J
4
3
2
1
5
6
8.38
(.330)
0.38
(.015)
0.25
(.010)
6.35
(.250)
MAX
TYP
TYP
1.14 - 1.27
(.045 - .050)
1.14 - 1.27
(.045 - .050)
Type W
4
3
2
1
5
6
10.92
(.430)
6.35
(.250)
0.38
(.015)
1.14 - 1.27
(.045 - .050)
1.90
(.075)
TYP
TYP
0.25
(.010)
1.14 - 1.27
(.045 - .050)
1.90
(.075)
DIMENSIONS:
MM
(INCHES)
Typical Frequency Response
2-4-1 3 dB Bandwidth 0.200-350 MHz
Frequency (MHz)
2-3-1 3 dB Bandwidth 0.050-250 MHz
Frequency (MHz)
3-1-1 3 dB Bandwidth 0.150-400 MHz
Frequency (MHz)
How To Order
x - x - x x __ __ L
Model
Impedance Ratio
(see “Ratio Impedance”)
Type Number
Termination Type
(see “Product Dimensions”)
D = Through-hole
W = Surface Mount (Gull-Wing)
J = Surface Mount (“J” Leads)
Impedance Ratio
P = Ratio: Primary to Secondary (R : 1)
Blank = Ratio: Secondary to Primary (R : 1)
Where “R” is the Ratio Impedance
in Electrical Specifications chart
Packaging
E = Tape and Reel (Types J and W only)
Blank = Tubes (Types D and W only)
Termination Material
L = 97Sn/2.5Cu/0.5Ag (RoHS Compliant)
Packaging
Tape and Reel (Types J and W only)
....................................... 700 pcs./reel
Tubes (Types D and W only)
........................................ 68 pcs./tube


유사한 부품 번호 - 3-2.5-6W_

제조업체부품명데이터시트상세설명
logo
Datatronic Distribution...
3-2.5-6W DATATRONICS-3-2.5-6W Datasheet
360Kb / 2P
   Wideband RF Transformers
More results

유사한 설명 - 3-2.5-6W_

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UCC28070A TI1-UCC28070A Datasheet
1Mb / 43P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz)
logo
Pasternack Enterprises,...
PE15A2000 PASTERNACK-PE15A2000 Datasheet
825Kb / 10P
   500 MHz to 4 GHz Frequency Range
logo
QUARTZCOM the communica...
TXO-SW-S-8P QUARTZCOM-TXO-SW-S-8P Datasheet
227Kb / 1P
   SMD TCXO Sine wave Wide frequency range up to 500 MHz
logo
API Delevan
LC8502 API-LC8502 Datasheet
144Kb / 3P
   Low Cost RF Amplifier Frequency Range: 10-500 MHz
LC8501 API-LC8501 Datasheet
144Kb / 3P
   Low Cost RF Amplifier Frequency Range: 10-500 MHz
TN9560 API-TN9560 Datasheet
162Kb / 3P
   Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
logo
EUROQUARTZ limited
EM62T33-32.768K-2.5 EUROQUARTZ-EM62T33-32.768K-2.5 Datasheet
123Kb / 1P
   HCMOS 6 pad SMD, kHz Range
EM64GT-KHZ EUROQUARTZ-EM64GT-KHZ Datasheet
138Kb / 1P
   CMOS 6 pad SMD, kHz Range
EM64T33-32.768K-2.5 EUROQUARTZ-EM64T33-32.768K-2.5 Datasheet
122Kb / 1P
   HCMOS 6 pad SMD, kHz Range
logo
QUARTZCOM the communica...
VTO-SW-S-8P QUARTZCOM-VTO-SW-S-8P Datasheet
150Kb / 1P
   SMD VC-TCXO Sine wave Wide frequency range up to 500 MHz
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com