전자부품 데이터시트 검색엔진 |
|
TS27LBI 데이터시트(PDF) 5 Page - STMicroelectronics |
|
TS27LBI 데이터시트(HTML) 5 Page - STMicroelectronics |
5 / 9 page TS27L2C,I,M 5/9 TYPICAL CHARACTERISTICS Figure 1 : Supply Current (each amplifier) versus Supply Voltage Figure 2 : Input Bias Current versus Free Air Temperature Figure 3a : High Level Output Voltage versus High Level Output Current Figure 3b : High Level Output Voltage versus High Level Output Current Figure 4a : Low Level Output Voltage versus Low Level Output Current Figure 4b : Low Level Output Voltage versus Low Level Output Current CC SUPPLY VOLTAGE, V (V) amb V OCC ° 04 8 12 16 20 T= 25 C A= 1 V= V / 2 15 10 5 25 50 75 100 125 amb TEMPERATURE, T ( C) ° V = 10V V= 5V CC i 100 10 1 5 4 3 2 1 0 -10 -8 -6 -4 -2 0 OH OUTPUT CURRENT, I (mA) amb id T = 25 C V = 100mV ° V= 5V V= 3V CC CC 20 16 12 8 4 0 -50 -40 -30 -20 -10 0 amb id ° T = 25 C V = 100mV V = 16V CC CC V = 10V OUTPUT CURRENT, I (mA) OH 1.0 0.8 0.6 0.4 0.2 amb ic id T= 2 5 °C V = 0.5V V = -1 00m V V= 3 V V= 5 V CC CC 01 2 3 O U T P U T CURR E N T , I (m A ) OL 0 4 81 21 6 2 0 amb id i T = 25°C V= 0 .5 V V = -1 00m V CC V= 1 0 V CC V= 1 6 V O U T P UT CU RRE NT , I (m A ) OL 3 2 1 |
유사한 부품 번호 - TS27LBI |
|
유사한 설명 - TS27LBI |