전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ14203EXTTZ 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LMZ14203EXTTZ
상세설명  LMZ14203EXT 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203EXTTZ 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LMZ14203EXTTZ Datasheet HTML 6Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 7Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 8Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 9Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 10Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 11Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 12Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 13Page - Texas Instruments LMZ14203EXTTZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
-55°C
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
45
INPUT VOLTAGE (V)
SHORT CIRCUIT
ONSET
25°C
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
45
INPUT VOLTAGE (V)
SHORT CIRCUIT
ONSET
85°C
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
45
INPUT VOLTAGE (V)
SHORT CIRCUIT
ONSET
LMZ14203EXT
SNVS666E – JUNE 2010 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24V; Cin = 10uF X7R Ceramic; CO = 100uF X7R Ceramic;
Tambient = 25 C for efficiency curves and waveforms.
Current Limit 3.3VOUT @ 25°C
Current Limit 3.3VOUT @ 85C
Figure 26.
Figure 27.
Current Limit 3.3VOUT @ -55°C
Figure 28.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMZ14203EXT


유사한 부품 번호 - LMZ14203EXTTZ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ14203EXTTZ NSC-LMZ14203EXTTZ Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
logo
Texas Instruments
LMZ14203EXTTZ/NOPB TI-LMZ14203EXTTZ/NOPB Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ14203EXTTZE/NOPB TI-LMZ14203EXTTZE/NOPB Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ14203EXTTZX/NOPB TI-LMZ14203EXTTZX/NOPB Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
More results

유사한 설명 - LMZ14203EXTTZ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ14202EXT TI1-LMZ14202EXT Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ14202EXT TI-LMZ14202EXT_13 Datasheet
4Mb / 27P
[Old version datasheet]   LMZ14202EXT 2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ12003EXT TI1-LMZ12003EXT Datasheet
3Mb / 19P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10504EXT NSC-LMZ10504EXT Datasheet
1Mb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com