전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ14203TZE-ADJ 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LMZ14203TZE-ADJ
상세설명  LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203TZE-ADJ 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LMZ14203TZE-ADJ Datasheet HTML 7Page - Texas Instruments LMZ14203TZE-ADJ Datasheet HTML 8Page - Texas Instruments LMZ14203TZE-ADJ Datasheet HTML 9Page - Texas Instruments LMZ14203TZE-ADJ Datasheet HTML 10Page - Texas Instruments LMZ14203TZE-ADJ Datasheet HTML 11Page - Texas Instruments LMZ14203TZE-ADJ Datasheet HTML 12Page - Texas Instruments LMZ14203TZE-ADJ Datasheet HTML 13Page - Texas Instruments LMZ14203TZE-ADJ Datasheet HTML 14Page - Texas Instruments LMZ14203TZE-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LMZ14203
www.ti.com
SNVS632N – DECEMBER 2009 – REVISED MARCH 2013
COT CONTROL CIRCUIT OVERVIEW
Constant On Time control is based on a comparator and an on-time one shot, with the output voltage feedback
compared with an internal 0.8V reference. If the feedback voltage is below the reference, the main MOSFET is
turned on for a fixed on-time determined by a programming resistor RON. RON is connected to VIN such that on-
time is reduced with increasing input supply voltage. Following this on-time, the main MOSFET remains off for a
minimum of 260 ns. If the voltage on the feedback pin falls below the reference level again the on-time cycle is
repeated. Regulation is achieved in this manner.
Design Steps for the LMZ14203 Application
The LMZ14203 is fully supported by Webench® and offers the following: Component selection, electrical and
thermal simulations as well as the build-it board for a reduction in design time. The following list of steps can be
used to manually design the LMZ14203 application.
Select minimum operating VIN with enable divider resistors
Program VO with divider resistor selection
Program turn-on time with soft-start capacitor selection
Select CO
Select CIN
Set operating frequency with RON
Determine module dissipation
Layout PCB for required thermal performance
ENABLE DIVIDER, RENT AND RENB SELECTION
The enable input provides a precise 1.18V band-gap rising threshold to allow direct logic drive or connection to a
voltage divider from a higher enable voltage such as VIN. The enable input also incorporates 90 mV (typ) of
hysteresis resulting in a falling threshold of 1.09V. The maximum recommended voltage into the EN pin is 6.5V.
For applications where the midpoint of the enable divider exceeds 6.5V, a small zener can be added to limit this
voltage.
The function of this resistive divider is to allow the designer to choose an input voltage below which the circuit
will be disabled. This implements the feature of programmable under voltage lockout. This is often used in
battery powered systems to prevent deep discharge of the system battery. It is also useful in system designs for
sequencing of output rails or to prevent early turn-on of the supply as the main input voltage rail rises at power-
up. Applying the enable divider to the main input rail is often done in the case of higher input voltage systems
such as 24V AC/DC systems where a lower boundary of operation should be established. In the case of
sequencing supplies, the divider is connected to a rail that becomes active earlier in the power-up cycle than the
LMZ14203 output rail. The two resistors should be chosen based on the following ratio:
RENT / RENB = (VIN UVLO/ 1.18V) – 1
(1)
The LMZ14203 demonstration and evaluation boards use 11.8k
Ω for RENB and 68.1kΩ for RENT resulting in a
rising UVLO of 8V. This divider presents 6.25V to the EN input when the divider input is raised to 42V.
The EN pin is internally pulled up to VIN and can be left floating for always-on operation.
OUTPUT VOLTAGE SELECTION
Output voltage is determined by a divider of two resistors connected between VO and ground. The midpoint of
the divider is connected to the FB input. The voltage at FB is compared to a 0.8V internal reference. In normal
operation an on-time cycle is initiated when the voltage on the FB pin falls below 0.8V. The main MOSFET on-
time cycle causes the output voltage to rise and the voltage at the FB to exceed 0.8V. As long as the voltage at
FB is above 0.8V, on-time cycles will not occur.
The regulated output voltage determined by the external divider resistors RFBT and RFBB is:
VO = 0.8V * (1 + RFBT / RFBB)
(2)
Rearranging terms; the ratio of the feedback resistors for a desired output voltage is:
RFBT / RFBB = (VO / 0.8V) - 1
(3)
These resistors should be chosen from values in the range of 1.0 kohm to 10.0 kohm.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ14203


유사한 부품 번호 - LMZ14203TZE-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ14203TZE-ADJ NSC-LMZ14203TZE-ADJ Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203TZE-ADJ NSC-LMZ14203TZE-ADJ Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
LMZ14203TZE-ADJ NSC-LMZ14203TZE-ADJ Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14203TZE-ADJ/NOPB TI-LMZ14203TZE-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
More results

유사한 설명 - LMZ14203TZE-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI-LMZ14201_13 Datasheet
2Mb / 26P
[Old version datasheet]   LMZ14201 1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com