전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQP4N20 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FQP4N20
상세설명  200V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP4N20 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FQP4N20 Datasheet HTML 1Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 2Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 3Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 4Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 5Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 6Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 7Page - Fairchild Semiconductor FQP4N20 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2000 Fairchild Semiconductor International
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Rev. A2, December 2000
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 5.4mH, IAS = 3.8A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 3.8A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
200
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.16
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 200 V, VGS = 0 V
--
--
1
µA
VDS = 160 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1.0
--
2.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 1.9 A
VGS = 5 V, ID = 1.9 A
--
1.10
1.13
1.35
1.40
gFS
Forward Transconductance
VDS = 25 V, ID = 1.9 A
--
3.2
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
240
310
pF
Coss
Output Capacitance
--
36
45
pF
Crss
Reverse Transfer Capacitance
--
6
8
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 100 V, ID = 3.8 A,
RG = 25 Ω
--
7
25
ns
tr
Turn-On Rise Time
--
70
150
ns
td(off)
Turn-Off Delay Time
--
15
40
ns
tf
Turn-Off Fall Time
--
40
90
ns
Qg
Total Gate Charge
VDS = 160 V, ID = 3.8 A,
VGS = 5 V
--
4.0
5.2
nC
Qgs
Gate-Source Charge
--
1.0
--
nC
Qgd
Gate-Drain Charge
--
1.9
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
3.8
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
15.2
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 3.8 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 3.8 A,
dIF / dt = 100 A/µs
--
90
--
ns
Qrr
Reverse Recovery Charge
--
0.25
--
µC


유사한 부품 번호 - FQP4N20

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQP4N20 VBSEMI-FQP4N20 Datasheet
2Mb / 9P
   N-Channel 200 V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQP4N20 ISC-FQP4N20 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

유사한 설명 - FQP4N20

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
FQB10N20L FAIRCHILD-FQB10N20L Datasheet
574Kb / 9P
   200V LOGIC N-Channel MOSFET
FQPF7N20L FAIRCHILD-FQPF7N20L Datasheet
547Kb / 8P
   200V LOGIC N-Channel MOSFET
FQT4N20L FAIRCHILD-FQT4N20L Datasheet
627Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB12N20L FAIRCHILD-FQB12N20L Datasheet
607Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP19N20L FAIRCHILD-FQP19N20L Datasheet
734Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQA19N20L FAIRCHILD-FQA19N20L Datasheet
742Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB7N20L FAIRCHILD-FQB7N20L Datasheet
569Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP12N20L FAIRCHILD-FQP12N20L Datasheet
567Kb / 8P
   200V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com