전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100H606FN 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC100H606FN
상세설명  Registered Hex TTL to PECL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H606FN 데이터시트(HTML) 4 Page - ON Semiconductor

  MC100H606FN Datasheet HTML 1Page - ON Semiconductor MC100H606FN Datasheet HTML 2Page - ON Semiconductor MC100H606FN Datasheet HTML 3Page - ON Semiconductor MC100H606FN Datasheet HTML 4Page - ON Semiconductor MC100H606FN Datasheet HTML 5Page - ON Semiconductor MC100H606FN Datasheet HTML 6Page - ON Semiconductor MC100H606FN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10H606, MC100H606
http://onsemi.com
4
Table 6. TTL DC CHARACTERISTICS (VCCT = VCCE = 5.0 V ± 5%)
Symbol
Characteristic
Condition
TA = 0°C
TA = 25°C
TA = 85°C
Unit
Min
Max
Min
Max
Min
Max
VIH
Input HIGH Voltage
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
VIK
Input Clamp Voltage
IIN = −18 mA
−1.2
−1.2
−1.2
V
IIH
Input HIGH Current
VIN = 2.7 V
VIN = 7.0 V
20
100
20
100
20
100
V
IIL
Input LOW Current
VIN = 0.5 V
−0.6
−0.6
−0.6
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 7. AC CHARACTERISTICS (VCCT = VCCE = 5.0 V ± 5%)
Symbol
Characteristic
Condition
TA = 0°C
TA = + 25°C
TA = + 85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
tPD
Propagation Delay TCLK++
50 W to VCC−2.0 V
1.75
3.75 1.75 3.00 3.75 1.75
3.75
ns
tPD
Propagation Delay TCLK+−
50 W to VCC−2.0 V
1.75
3.75 1.75 3.00 3.75 1.75
3.75
ns
tPD
Propagation Delay CLK++
50 W to VCC−2.0 V
1.50
3.50 1.50 2.50 3.50 1.50
3.50
ns
tPD
Propagation Delay CLK+−
50 W to VCC−2.0 V
1.50
3.50 1.50 2.50 3.50 1.50
3.50
ns
tPD
Propagation Delay MR+−
50 W to VCC−2.0 V
1.50
3.50 1.50 2.50 3.50 1.75
3.75
ns
tSKEW
Device Skew
Part−to−Part
Within Device
50 W to VCC−2.0 V
2.0
0.5
1.0
0.3
2.0
0.5
2.0
0.5
ns
tS
Setup Time
50 W to VCC−2.0 V
1.5
0.5
1.5
0.5
1.5
0.5
ns
tH
Hold Time
50 W to VCC−2.0 V
1.5
0.5
1.5
0.5
1.5
0.5
ns
tPW
Minimum Pulse Width CLK
50 W to VCC−2.0 V
1.5
1.5
1.0
1.5
ns
tPW
Minimum Pulse Width MR
50 W to VCC−2.0 V
1.5
1.5
1.5
ns
tr
Rise Time
50 W to VCC−2.0 V
2.0
1.0
2.0
2.0
ns
tf
Fall Time
50 W to VCC−2.0 V
2.0
1.0
2.0
2.0
ns
tRES/REC Reset/Recovery Time
50 W to VCC−2.0 V
2.5
2.0
2.5
2.0
2.5
2.0
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


유사한 부품 번호 - MC100H606FN

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100H606 ONSEMI-MC100H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
More results

유사한 설명 - MC100H606FN

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY10H606 MICREL-SY10H606 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
SY10H607 MICREL-SY10H607_06 Datasheet
65Kb / 5P
   REGISTERED HEX PECL-TO-TTL
SY10H607 MICREL-SY10H607 Datasheet
74Kb / 4P
   REGISTERED HEX PECL-TO-TTL
SY10H606 MICREL-SY10H606_06 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
logo
ON Semiconductor
MC10H605 ONSEMI-MC10H605 Datasheet
143Kb / 7P
   Registered Hex ECL to TTL Translator
September, 2009 ??Rev. 8
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
   Registered Hex TTL/ECL Translator
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com