전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FZT951TA 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 FZT951TA
상세설명  SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT951TA 데이터시트(HTML) 4 Page - Diodes Incorporated

  FZT951TA Datasheet HTML 1Page - Diodes Incorporated FZT951TA Datasheet HTML 2Page - Diodes Incorporated FZT951TA Datasheet HTML 3Page - Diodes Incorporated FZT951TA Datasheet HTML 4Page - Diodes Incorporated FZT951TA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-140
-170
V
IC=-100A
Collector-Emitter Breakdown
Voltage
V(BR)CER
-140
-170
V
IC=-1A, RB1k
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-100
-120
V
IC=-10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
-6
-8
V
IE=-100A
Collector Cut-Off Current
ICBO
-50
-1
nA
A
VCB=-100V
VCB=-100V, Tamb=100°C
Collector Cut-Off Current
ICER
R
1k
-50
-1
nA
A
VCB=-100V
VCB=-100V, Tamb=100°C
Emitter Cut-Off Current
IEBO
-10
nA
VEB=-6V
Collector-Emitter Saturation
Voltage
VCE(sat)
-20
-90
-160
-300
-50
-115
-220
-420
mV
mV
mV
mV
IC=-100mA, IB=-10mA*
IC=-1A, IB=-100mA*
IC=-2A, IB=-200mA*
IC=-4A, IB=-400mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1010
-1170
mV
IC=-4A, IB=-400mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-925
-1160
mV
IC=-4A, VCE=-1V*
Static Forward
Current Transfer
hFE
100
100
50
30
200
200
90
50
15
300
IC=-10mA, VCE=-1V*
IC=-1A, VCE=-1V*
IC=-3A, VCE=-1V*
IC=-4A, VCE=-1V*
IC=-10A, VCE=-1V*
Transition Frequency
fT
125
MHz
IC=-100mA, VCE=-10V
f=50MHz
Output Capacitance
Cobo
65
pF
VCB=-10V, f=1MHz
Switching Times
ton
toff
110
460
ns
ns
IC=-2A, IB1=-200mA
IB2=200mA, VCC=-10V
*Measured under pulsed conditions. Pulse width=300
s. Duty cycle 2%
Spice parameter data is available upon request for this device
3 - 283
FZT953
3 - 282
FZT953
-55°C
+25°C
+100°C
+175°C
+100°C
+25°C
-55°C
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
Tamb=25°C
VCE(sat) v IC
IC - Collector Current (Amps)
-55°C
+25°C
+175°C
-55°C
+25°C
+100°C
+175°C
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
IC/IB=10
IC/IB=10
IC/IB=50
IC/IB=10
VCE=1V
VCE=1V
300
200
100
VCE - Collector Voltage (Volts)
Safe Operating Area
0.1
100
110
0.01
0.1
1
10
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
0.1ms
0.001
0.001
0.001
0.001


유사한 부품 번호 - FZT951TA

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
FZT951TA DIODES-FZT951TA Datasheet
537Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR
More results

유사한 설명 - FZT951TA

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FZT957TA ETC-FZT957TA Datasheet
114Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT949TA DIODES-FZT949TA Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Zetex Semiconductors
FZT955 ZETEX-FZT955_05 Datasheet
228Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT955TA DIODES-FZT955TA Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Zetex Semiconductors
FZT951 ZETEX-FZT951 Datasheet
124Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
List of Unclassifed Man...
FZT968TA ETC2-FZT968TA Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
logo
Diodes Incorporated
FZT968 DIODES-FZT968_15 Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
FZT955 DIODES-FZT955 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT951 DIODES-FZT951 Datasheet
110Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT948 DIODES-FZT948 Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com