전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2937IMPX-8.0 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2937IMPX-8.0
상세설명  LM2937 500 mA Low Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937IMPX-8.0 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM2937IMPX-8.0 Datasheet HTML 2Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 3Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 4Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 5Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 6Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 7Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 8Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 9Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LM2937
SNVS100E – MARCH 2000 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Line Transient Response
Load Transient Response
Figure 11.
Figure 12.
Ripple Rejection
Output Impedance
Figure 13.
Figure 14.
Maximum Power Dissipation (TO-220)
Maximum Power Dissipation (DDPAK/TO-263)(1)
Figure 15.
Figure 16.
(1)
The maximum allowable power dissipation at any ambient temperature is PMAX = (125 − TA)/θJA, where 125 is the maximum junction
temperature for operation, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. If this dissipation is
exceeded, the die temperature will rise above 125°C and the electrical specifications do not apply. If the die temperature rises above
150°C, the LM2937 will go into thermal shutdown. For the LM2937, the junction-to-ambient thermal resistance
θJA is 65°C/W, for the
TO-220 package, 73°C/W for the DDPAK/TO-263 package, and 174°C/W for the SOT-223 package. When used with a heatsink,
θJA is
the sum of the LM2937 junction-to-case thermal resistance
θJC of 3°C/W and the heatsink case-to-ambient thermal resistance. If the
DDPAK/TO-263 or SOT-223 packages are used, the thermal resistance can be reduced by increasing the P.C. board copper area
thermally connected to the package (see Application Hints for more information on heatsinking).
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2937


유사한 부품 번호 - LM2937IMPX-8.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2937IMPX-8.0 NSC-LM2937IMPX-8.0 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937IMPX-8.0 TI-LM2937IMPX-8.0 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937IMPX-8.0/NOPB TI-LM2937IMPX-8.0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
More results

유사한 설명 - LM2937IMPX-8.0

제조업체부품명데이터시트상세설명
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com