전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQP6P25 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQP6P25
상세설명  250V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP6P25 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQP6P25 Datasheet HTML 1Page - Fairchild Semiconductor FQP6P25 Datasheet HTML 2Page - Fairchild Semiconductor FQP6P25 Datasheet HTML 3Page - Fairchild Semiconductor FQP6P25 Datasheet HTML 4Page - Fairchild Semiconductor FQP6P25 Datasheet HTML 5Page - Fairchild Semiconductor FQP6P25 Datasheet HTML 6Page - Fairchild Semiconductor FQP6P25 Datasheet HTML 7Page - Fairchild Semiconductor FQP6P25 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A, April 2000
048
12
16
20
24
0
2
4
6
8
10
12
V
DS = -125V
V
DS = -50V
V
DS = -200V
Note : I
D = -6.0 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
1400
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS, Drain-Source Voltage [V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
-1
10
0
10
1
25

150

 Notes:
1. V
GS
= 0V
2. 250
sPulseTest
-V
SD , Source-Drain Voltage [V]
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
 Note : T
J = 25
V
GS = - 20V
V
GS = - 10V
-I
D , Drain Current [A]
24
68
10
10
-1
10
0
10
1
 Notes:
1. V
DS = -40V
2. 250
s Pulse Test
-55

150

25

-V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
-15 V
-10 V
-8.0 V
-7.0 V
-6.5 V
-6.0 V
Bottom :
-5.5 V
Notes :
1. 250
s PulseTest
2. T
C = 25
-V
DS , Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


유사한 부품 번호 - FQP6P25

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQP60N03L FAIRCHILD-FQP60N03L Datasheet
651Kb / 8P
   30V LOGIC N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
739Kb / 8P
   200V N-Channel MOSFET
FQP630TSTU FAIRCHILD-FQP630TSTU Datasheet
739Kb / 8P
   200V N-Channel MOSFET
FQP65N06 FAIRCHILD-FQP65N06 Datasheet
661Kb / 8P
   60V N-Channel MOSFET
More results

유사한 설명 - FQP6P25

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com