전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7116DN-T1-E3 데이터시트(PDF) 10 Page - Vishay Siliconix

부품명 SI7116DN-T1-E3
상세설명  N-Channel 40-V (D-S) Fast Switching MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7116DN-T1-E3 데이터시트(HTML) 10 Page - Vishay Siliconix

Back Button SI7116DN-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7116DN-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI7116DN-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI7116DN-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI7116DN-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI7116DN-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI7116DN-T1-E3 Datasheet HTML 10Page - Vishay Siliconix SI7116DN-T1-E3 Datasheet HTML 11Page - Vishay Siliconix SI7116DN-T1-E3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.vishay.com
4
Document Number 71681
03-Mar-06
Vishay Siliconix
AN822
CONCLUSIONS
As a derivative of the PowerPAK SO-8, the PowerPAK
1212-8 uses the same packaging technology and has
been shown to have the same level of thermal perfor-
mance while having a footprint that is more than 40 %
smaller than the standard TSSOP-8.
Recommended PowerPAK 1212-8 land patterns are
provided to aid in PC board layout for designs using this
new package.
The PowerPAK 1212-8 combines small size with attrac-
tive thermal characteristics. By minimizing the thermal
rise above the board temperature, PowerPAK simplifies
thermal design considerations, allows the device to run
cooler, keeps rDS(ON) low, and permits the device to
handle more current than a same- or larger-size MOS-
FET die in the standard TSSOP-8 or SO-8 packages.
Figure 5. Spreading Copper - Si7401DN
45
55
65
75
85
95
105
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Spreading Copper (sq. in.)
100 %
50 %
0 %
Figure 6. Spreading Copper - Junction-to-Ambient Performance
50
60
70
80
90
100
110
120
130
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Spreading Copper (sq. in.)
100 %
0 %
50 %


유사한 부품 번호 - SI7116DN-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7116DN VISHAY-SI7116DN Datasheet
78Kb / 5P
   N-Channel 40-V (D-S) Fast Switching MOSFET
Rev. C, 01-Aug-05
SI7116DN VISHAY-SI7116DN_V01 Datasheet
533Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

유사한 설명 - SI7116DN-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SISH116DN VISHAY-SISH116DN Datasheet
189Kb / 8P
   N-Channel 40 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7116DN VISHAY-SI7116DN Datasheet
78Kb / 5P
   N-Channel 40-V (D-S) Fast Switching MOSFET
Rev. C, 01-Aug-05
SI7476DP VISHAY-SI7476DP Datasheet
65Kb / 5P
   N-Channel 40-V (D-S) Fast Switching MOSFET
Rev. B, 29-Mar-04
SI7116DN VISHAY-SI7116DN_V01 Datasheet
533Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. A, 04-Mar-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 02-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com