전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF11N40 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FQPF11N40
상세설명  400V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF11N40 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FQPF11N40 Datasheet HTML 1Page - Fairchild Semiconductor FQPF11N40 Datasheet HTML 2Page - Fairchild Semiconductor FQPF11N40 Datasheet HTML 3Page - Fairchild Semiconductor FQPF11N40 Datasheet HTML 4Page - Fairchild Semiconductor FQPF11N40 Datasheet HTML 5Page - Fairchild Semiconductor FQPF11N40 Datasheet HTML 6Page - Fairchild Semiconductor FQPF11N40 Datasheet HTML 7Page - Fairchild Semiconductor FQPF11N40 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)#*+,,-./.Ω, 0 
+-1//-1µ .2.0 
"  !"  //µ 3%(%(  4
5 %   6   # 


 





B)
 B>) 
)+()5+17(µ&
'((


)
∆B)
6∆
B>) 
 
5+17(µ&* 178

( '1

)68
5
C:) 
)+'(())+()


.
µ&
)+;1()+.178


.(
µ&
5
:B/>
)+;())+()


.((
&
5
:B/>*!
)+;())+()


.((
&
 
)
: ) 
)+)5+17(µ&
; (

7 (
)
*
  
* 
)+.()5+; ;&

( ;,
( ',

   
)+7()5+; ;&

7 ;


 

5  
)+17))+()
+. (D#

..((
.'((


  

.,(
1'(


*!  

1(
;(

   

 
)+1(()5+.. '&
*+17Ω

;(
2(


*

.((
1.(


 

%(
.;(


 

%(
.;(

E
 :
)+;1()5+.. '&
)+.()

12
;7

E
: 

2 ;


E
:

.1 ;


     
5
A 


% %
&
5
A9  


1%
&
)
 ) 
)+()5+% %&


. 7
)

*!* !
)+()5+.. '&
56+.((&6µ

1'(


E
*!* !

. ,

µ


유사한 부품 번호 - FQPF11N40

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FQPF11N40 ISC-FQPF11N40 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF11N40C FAIRCHILD-FQPF11N40C Datasheet
709Kb / 10P
   FQP11N40C / FQPF11N40C N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQPF11N40C FAIRCHILD-FQPF11N40C Datasheet
709Kb / 10P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
logo
Inchange Semiconductor ...
FQPF11N40C ISC-FQPF11N40C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF11N40CT FAIRCHILD-FQPF11N40CT Datasheet
709Kb / 10P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
More results

유사한 설명 - FQPF11N40

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com