전자부품 데이터시트 검색엔진 |
|
BU1CTD2WNVX-XTL 데이터시트(PDF) 2 Page - Rohm |
|
BU1CTD2WNVX-XTL 데이터시트(HTML) 2 Page - Rohm |
2 / 12 page www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RBR0A300050-1-2 TSZ22111・15・001 2/9 7.FEB.2013.Rev.001 BUxxTD2WNVX series Datasheet ●Connection Diagram ●Pin Descriptions ●Ordering Information 1 VOUT 2 GND 3 STBY 4 VIN SSON004X1010 (TOP VIEW) Part Number Marking LOT Number 1PIN MARK 1 2 SSON004X1010 PIN No. Symbol Function 1 VOUT Output Voltage 2 GND Grouding 3 STBY ON/OFF control of output voltage (High: ON, Low: OFF) 4 VIN Power Supply Voltage BU x x T D 2 W N V X - x T L Part Output Voltage Low Dropout Voltage with Package Halogen Free Packageing and forming specification Number 10 : 1.0V Maximum Output Current output discharge NVX : SSON004X1010 G : compatible Embossed tape and reel 200mA Blank : incompatible TL : The pin number 1 is the lower left 34 : 3.4V SSON004X1010 (Unit : mm) 1.0 ±0.1 1PIN MARK S 0.05 0.65 ±0.05 0.48 ±0.05 0.25 ±0.05 1 45º 4 2 3 3-C0.18 R0.05 ∗Order quantity needs to be multiple of the minimum quantity. <Tape and Reel information> Embossed carrier tape Tape Quantity Direction of feed The direction is the 1pin of product is at the lower left when you hold reel on the left hand and you pull out the tape on the left hand 5000pcs TL () Direction of feed Reel 1pin |
유사한 부품 번호 - BU1CTD2WNVX-XTL |
|
유사한 설명 - BU1CTD2WNVX-XTL |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |