전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP-Y402-G0000 데이터시트(Datasheet) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-Y402-G0000
상세내용  T-1 (3 mm) GaP/GaAsP LED Lamps
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo 

   
 1 page
background image
HLMP-Yxxx
T-1 (3 mm) GaP/GaAsP LED Lamps
Data Sheet
Features
• Low power consumption
• High efficiency
• Versatile mounting on PCB or panel
• I.C. Compatible/low current requirement
• Popular T-1 package
• RoHS compliant
Applications
• Status indicator
• Backlighting front panels
• Light pipe sources
• Lighted switches
Description
This family of T-1 lamps is widely used in general purpose
indicator and back lighting applications.The optical design
is balanced to yield superior light output and wide view-
ing angles. Several intensity choices are available in each
color for increased design flexibility.
3.1 ±0.2
0.122 ±0.008
3.8
0.15
3.5
0.138
4.1 ±0.2
0.161 ±0.008
5.2
0.205
1.0
0.04
(MAX)
24.0
0.945
(MIN)
1.0
0.04
(MIN)
2.54
0.1
CATHODE
0.45 x 0.4
0.018 x 0.016
TYP
Package Dimension
Notes:
1. All dimensions are in millimeter (inches).
2. Tolerance is ±0.25 mm (.010) unless otherwise stated.
3. Lead spacing is measured where the leads emerge from the package.




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl