전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP-Y402-G0000 데이터시트(Datasheet) 4 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-Y402-G0000
상세내용  T-1 (3 mm) GaP/GaAsP LED Lamps
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo 

   
 4 page
background image
4
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Relative Luminous Intensity vs. Forward Current
Figure 3. Ambient Temperature vs. Maximum DC Forward Current
Figure 4. Relative Luminous Intensity vs. Angular Displacement for
HLMP-Y502
Figure 5. Relative Luminous Intensity vs. Angular Displacement for
HLMP-Y301 and HLMP-Y402
Figure 6. Wavelength vs. Relative Luminous Intensity
0
0.2
0.4
0.6
0.8
1
0
5
10
15
20
DC FORWARD CURRENT - mA
0
5
10
15
20
25
0
1020
30405060
708090
AMBIENT TEMPERATURE - °C
0
0.25
0.5
0.75
1
ANGULAR DISPLACEMENT - DEGREES
0
0.25
0.5
0.75
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
-90
-60
-30
0
30
60
90
0
2
4
6
8
10
12
14
16
18
20
01
23
FORWARD VOLTAGE-V
0.0
0.3
0.5
0.8
1.0
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
GREEN
HER, ORANGE
ORANGE
HER
GREEN




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl