전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP102 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TMP102
상세설명  Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP102 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TMP102_13 Datasheet HTML 7Page - Texas Instruments TMP102_13 Datasheet HTML 8Page - Texas Instruments TMP102_13 Datasheet HTML 9Page - Texas Instruments TMP102_13 Datasheet HTML 10Page - Texas Instruments TMP102_13 Datasheet HTML 11Page - Texas Instruments TMP102_13 Datasheet HTML 12Page - Texas Instruments TMP102_13 Datasheet HTML 13Page - Texas Instruments TMP102_13 Datasheet HTML 14Page - Texas Instruments TMP102_13 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Device
SCL
SDA
GND
V+
ALERT
ADD0
C
F
10nF
³
R
F
5k
£
W
SupplyVoltage
TMP102
www.ti.com
SBOS397C – AUGUST 2007 – REVISED OCTOBER 2012
SMBus ALERT FUNCTION
HIGH-SPEED (Hs) MODE
The TMP102 supports the SMBus Alert function.
In order for the two-wire bus to operate at frequencies
When the TMP102 operates in Interrupt mode (TM =
above 400kHz, the master device must issue an Hs-
'1'), the ALERT pin may be connected as an SMBus
mode master code (00001xxx) as the first byte after a
Alert signal. When a master senses that an ALERT
START condition to switch the bus to high-speed
condition is present on the ALERT line, the master
operation. The TMP102 does not acknowledge this
sends an SMBus Alert command (00011001) to the
byte, but switches its input filters on SDA and SCL
bus.
If
the
ALERT
pin
is
active,
the
device
and its output filters on SDA to operate in Hs-mode,
acknowledges
the
SMBus
Alert
command
and
allowing transfers at up to 3.4MHz. After the Hs-mode
responds by returning its slave address on the SDA
master code has been issued, the master transmits a
line. The eighth bit (LSB) of the slave address byte
two-wire slave address to initiate a data transfer
indicates if the ALERT condition was caused by the
operation. The bus continues to operate in Hs-mode
temperature exceeding THIGH or falling below TLOW.
until a STOP condition occurs on the bus. Upon
For POL = '0', this bit is low if the temperature is
receiving the STOP condition, the TMP102 switches
greater than or equal to THIGH; this bit is high if the
the input and output filters back to fast-mode
temperature is less than TLOW. The polarity of this bit
operation.
is inverted if POL = '1'. Refer to Figure 15 for details
of this sequence.
TIMEOUT FUNCTION
If multiple devices on the bus respond to the SMBus
The TMP102 resets the serial interface if SCL is held
Alert command, arbitration during the slave address
low for 30ms (typ). The TMP102 releases the bus if it
portion of the SMBus Alert command determines
is pulled low and waits for a START condition. To
which device will clear its ALERT status. The device
avoid activating the timeout function, it is necessary
with the lowest two-wire address wins the arbitration.
to maintain a communication speed of at least 1kHz
If the TMP102 wins the arbitration, its ALERT pin
for SCL operating frequency.
becomes inactive at the completion of the SMBus
Alert command. If the TMP102 loses the arbitration,
NOISE
its ALERT pin remains active.
The TMP102 is a very low-power device and
generates very low noise on the supply bus. Applying
GENERAL CALL
an RC filter to the V+ pin of the TMP102 can further
The TMP102 responds to a two-wire General Call
reduce any noise the TMP102 might propagate to
address (0000000) if the eighth bit is '0'. The device
other components. RF in Figure 11 should be less
acknowledges
the
General
Call
address
and
than 5k
Ω and CF should be greater than 10nF.
responds to commands in the second byte. If the
second byte is 00000110, the TMP102 internal
registers are reset to power-up values. The TMP102
does not support the General Address acquire
command.
Figure 11. Noise Reduction
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP102


유사한 부품 번호 - TMP102_13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results

유사한 설명 - TMP102_13

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com