전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF17N40 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQPF17N40
상세설명  400V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF17N40 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQPF17N40 Datasheet HTML 1Page - Fairchild Semiconductor FQPF17N40 Datasheet HTML 2Page - Fairchild Semiconductor FQPF17N40 Datasheet HTML 3Page - Fairchild Semiconductor FQPF17N40 Datasheet HTML 4Page - Fairchild Semiconductor FQPF17N40 Datasheet HTML 5Page - Fairchild Semiconductor FQPF17N40 Datasheet HTML 6Page - Fairchild Semiconductor FQPF17N40 Datasheet HTML 7Page - Fairchild Semiconductor FQPF17N40 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
  

 
QFET
QFET
QFET
QFET

 
 
          
        
   
!   "   
#    !   
         
!   ! 
           
    " " "

$ % &'())*+,) -.Ω/*,0)*
$ 1 2 (&3
$ 12 4)3
$  
$ 0))5! 
$ 6!!7 " 
  
    
   




*
 * 
())
*
6

2,-&83
% &
'
2,0))83
9 )
'
6

: 
 
4;
'
*
< * 
±4)
*
=
 : '! =
 
0)))
>
6
'! 
 
% &
'
=
+!'! =
 
& 9
>
!7
:?+ !!7
 
( &
*7
:
:2,-&83
&9
@
"!-&8
) (&
@78
 
+
&&A0&)
8

B  
07; & 
4))
8





+θ 
 + > 

- -4
8@
 + > '"

9- &
8@
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"





 



유사한 부품 번호 - FQPF17N40

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FQPF17N40 ISC-FQPF17N40 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

유사한 설명 - FQPF17N40

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com