전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF27P06 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FQPF27P06
상세설명  60V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF27P06 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FQPF27P06 Datasheet HTML 1Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 2Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 3Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 4Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 5Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 6Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 7Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. A2. May 2001
©2001 Fairchild Semiconductor Corporation
Elerical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 2.25mH, IAS = -17A, VDD = -25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ -27A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 µA
-60
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, Referenced to 25°C
--
-0.06
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -60 V, VGS = 0 V
--
--
-1
µA
VDS = -48 V, TC = 150°C
--
--
-10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = -25 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 25 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 µA
-2.0
--
-4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -8.5 A
--
0.055
0.07
gFS
Forward Transconductance
VDS = -30 V, ID = -8.5 A
--
12
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
1100
1400
pF
Coss
Output Capacitance
--
510
660
pF
Crss
Reverse Transfer Capacitance
--
120
155
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -30 V, ID = -13.5 A,
RG = 25 Ω
--
18
45
ns
tr
Turn-On Rise Time
--
185
380
ns
td(off)
Turn-Off Delay Time
--
30
70
ns
tf
Turn-Off Fall Time
--
90
190
ns
Qg
Total Gate Charge
VDS = -48 V, ID = -27 A,
VGS = -10 V
--
33
43
nC
Qgs
Gate-Source Charge
--
6.8
--
nC
Qgd
Gate-Drain Charge
--
18
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-17
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-68
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -17 A
--
--
-4.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -27 A,
dIF / dt = 100 A/µs
--
105
--
ns
Qrr
Reverse Recovery Charge
--
0.41
--
µC
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)


유사한 부품 번호 - FQPF27P06

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FQPF27P06 VBSEMI-FQPF27P06 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - FQPF27P06

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
   60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
   60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
   60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
   60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
   -60V P-Channel MOSFET
AO4441 UMW-AO4441 Datasheet
460Kb / 7P
   -60V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com