전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF2N40 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FQPF2N40
상세설명  400V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF2N40 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FQPF2N40 Datasheet HTML 1Page - Fairchild Semiconductor FQPF2N40 Datasheet HTML 2Page - Fairchild Semiconductor FQPF2N40 Datasheet HTML 3Page - Fairchild Semiconductor FQPF2N40 Datasheet HTML 4Page - Fairchild Semiconductor FQPF2N40 Datasheet HTML 5Page - Fairchild Semiconductor FQPF2N40 Datasheet HTML 6Page - Fairchild Semiconductor FQPF2N40 Datasheet HTML 7Page - Fairchild Semiconductor FQPF2N40 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)#*+,-.-Ω, / 
+0,1..,1µ -2-/ 
"  !"  ..µ 3%(%(  4
5 %   6   # 


 





B)
 B>) 
)+()4+6,(µ&
'((


)
∆B)
5∆
B>) 
 
4+6,(µ&* 6,7

( '

)57
4
C:) 
)+'(())+()


%
µ&
)+26()+%6,7


%(
µ&
4
:B/>
)+2())+()


%((
&
4
:B/>*!
)+2())+()


%((
&
 
)
: ) 
)+)4+6,(µ&
2 (

, (
)
*
  
* 
)+%()4+( ,,&

' ,
, -

   
)+,()4+( ,,&

( D6


 

4  
)+6,))+()
+% (E#


%%,
%,(


  

6(
2(


*!  

2
'

   

 
)+6(()4+% -&
*+6,Ω


8
6,


*

2(
8(


 

8
6,


 

6,
=(

F
 :
)+26()4+% -&
)+%()


' (
, ,

F
: 

% %


F
:

6 %


     
4
A 


% %
&
4
A9  


' '
&
)
 ) 
)+()4+% %&


% ,
)

*!* !
)+()4+% -&
45+%((&5µ

%=(


F
*!* !

( '

µ


유사한 부품 번호 - FQPF2N40

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF2N30 FAIRCHILD-FQPF2N30 Datasheet
742Kb / 8P
   300V N-Channel MOSFET
FQPF2N50 FAIRCHILD-FQPF2N50 Datasheet
714Kb / 8P
   500V N-Channel MOSFET
FQPF2N60 FAIRCHILD-FQPF2N60 Datasheet
562Kb / 8P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQPF2N60 KERSEMI-FQPF2N60 Datasheet
740Kb / 7P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF2N60C FAIRCHILD-FQPF2N60C Datasheet
830Kb / 10P
   600V N-Channel MOSFET
More results

유사한 설명 - FQPF2N40

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com