전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si536 데이터시트(PDF) 8 Page - Silicon image

부품명 Si536
상세설명  ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILICONIMAGE [Silicon image]
홈페이지  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

Si536 데이터시트(HTML) 8 Page - Silicon image

Back Button Si536 Datasheet HTML 4Page - Silicon image Si536 Datasheet HTML 5Page - Silicon image Si536 Datasheet HTML 6Page - Silicon image Si536 Datasheet HTML 7Page - Silicon image Si536 Datasheet HTML 8Page - Silicon image Si536 Datasheet HTML 9Page - Silicon image Si536 Datasheet HTML 10Page - Silicon image Si536 Datasheet HTML 11Page - Silicon image Si536 Datasheet HTML 12Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Si535/536
8
Preliminary Rev. 0.6
4. Package Outline
Figure 3 illustrates the package details for the Si535/536. Table 11 lists the values for the dimensions shown in the
illustration.
Figure 3. Si535/536 Outline Diagram
Table 11. Package Diagram Dimensions (mm)
Dimension
Min
Nom
Max
A
1.50
1.65
1.80
b
1.30
1.40
1.50
c
0.50
0.60
0.70
D
5.00 BSC
D1
4.30
4.40
4.50
e
2.54 BSC
E
7.00 BSC
E1
6.10
6.20
6.30
H
0.55
0.65
0.75
L
1.17
1.27
1.37
p
1.80
2.60
R
0.70 REF
aaa
0.15
bbb
0.15
ccc
0.10
ddd
0.10
eee
0.05


유사한 부품 번호 - Si536

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI536 SILABS-SI536 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Skyworks Solutions Inc.
SI536 SKYWORKS-SI536 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
logo
Silicon Laboratories
SI5364 SILABS-SI5364 Datasheet
565Kb / 40P
   SONET/SDH PRECISION PORT CARD CLOCK IC
logo
Solid State Optronic
SI5364-EVB SSOUSA-SI5364-EVB Datasheet
1Mb / 14P
   EVALUATION BOARD FOR Si5364 SONET/SDH PRECISION PORT CARD CLOCK IC
logo
Silicon Laboratories
SI5364-EVB SILABS-SI5364-EVB Datasheet
1Mb / 14P
   Differential inputs terminated on board
More results

유사한 설명 - Si536

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
logo
Cypress Semiconductor
CY2X013 CYPRESS-CY2X013_11 Datasheet
313Kb / 10P
   LVDS Crystal Oscillator (XO) Low jitter crystal oscillato
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Micrel Semiconductor
MX573EBA125M000 MICREL-MX573EBA125M000 Datasheet
1Mb / 4P
   Ultra-low Jitter 125MHz LVPECL XO
logo
Microchip Technology
MX575ABC100M000 MICROCHIP-MX575ABC100M000 Datasheet
2Mb / 5P
   Ultra-Low Jitter 100MHz LVCMOS XO
June 05, 2017 Revision 1.0
MX573EBB125M000 MICROCHIP-MX573EBB125M000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 125MHz LVDS XO
June 26, 2019 Revision 1.0
MX575ABC200M000 MICROCHIP-MX575ABC200M000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 200MHz LVCMOS XO
November 23, 2016 Revision 1.0
MX573ABB106M250 MICROCHIP-MX573ABB106M250 Datasheet
1Mb / 3P
   Ultra-Low Jitter 106.25MHz LVDS XO
April 12, 2017 Revision 1.0
MX553LBB148M500 MICROCHIP-MX553LBB148M500 Datasheet
1Mb / 4P
   Ultra-Low Jitter 148.5MHz LVDS XO
September 28, 2016 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com