전자부품 데이터시트 검색엔진 |
|
BU4824F 데이터시트(PDF) 5 Page - Rohm |
|
BU4824F 데이터시트(HTML) 5 Page - Rohm |
5 / 16 page Datasheet 5/13 BU48xx series BU49xx series TSZ02201-0R7R0G300060-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013 Rev.008 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Absolute Maximum Ratings Parameter Symbol Limits Unit Power Supply Voltage VDD -0.3 to +7 V Output Voltage Nch Open Drain Output VOUT GND-0.3 to +7 V CMOS Output GND-0.3 to VDD+0.3 Output Current Io 70 mA Power Dissipation SSOP5 *1*4 Pd 540 mW SOP4 *2*4 400 VSOF5 *3*4 210 Operation Temperature Range Topt -40 to +125 °C Ambient Storage Temperature Tstg -55 to +125 ℃ *1 When used at temperatures higher than Ta=25 ℃ , the power is reduced by 5.4mW per 1 ℃ above 25 ℃ . *2 When used at temperatures higher than Ta=25 ℃ , the power is reduced by 4.0mW per 1 ℃ above 25 ℃ . *3 When used at temperatures higher than Ta=25 ℃ , the power is reduced by 2.1mW per 1 ℃ above 25 ℃ . *4 When a ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board)is mounted. ● Electrical Characteristics Parameter Symbol Condition Limits Unit Min. Typ. Max. Detection Voltage VDET VDD=H L , Ta=25 ℃, RL=470kΩ VDET(T) ×0.99 VDET(T) VDET(T) ×1.01 V VDET=1.8V Ta=+25°C 1.782 1.8 1.818 Ta=-40°C to 85°C 1.741 - 1.860 Ta=85°C to 125°C 1.731 - 1.870 VDET=2.5V Ta=+25°C 2.475 2.5 2.525 Ta=-40°C to 85°C 2.418 - 2.584 Ta=85°C to 125°C 2.404 - 2.597 VDET=3.0V Ta=+25°C 2.970 3.0 3.030 Ta=-40°C to 85°C 2.901 - 3.100 Ta=85°C to 125°C 2.885 - 3.117 VDET=3.3V Ta=+25°C 3.267 3.3 3.333 Ta=-40°C to 85°C 3.191 - 3.410 Ta=85°C to 125°C 3.173 - 3.428 VDET=4.2V Ta=+25°C 4.158 4.2 4.242 Ta=-40°C to 85°C 4.061 - 4.341 Ta=85°C to 125°C 4.039 - 4.364 Detection Voltage Temperature Coefficient VDET/∆T Ta=-40 ℃ to 125 ℃ *1 - ±30 - ppm/ ℃ Hysteresis Voltage ∆VDET VDD=L H L Ta=-40 ℃ to 125 ℃ RL=470kΩ VDET≤1.0V VDET ×0.03 VDET ×0.05 VDET ×0.08 V VDET≥1.1V VDET ×0.03 VDET ×0.05 VDET ×0.07 *1 Guaranteed by design.(Outgoing inspection is not done on all products.) VDET(T) : Standard Detection Voltage (0.9V to 4.8V, 0.1V step) RL: Pull-up resistor to be connected between VOUT and power supply. |
유사한 부품 번호 - BU4824F |
|
유사한 설명 - BU4824F |