전자부품 데이터시트 검색엔진 |
|
IRF7413TRPBF 데이터시트(PDF) 3 Page - International Rectifier |
|
IRF7413TRPBF 데이터시트(HTML) 3 Page - International Rectifier |
3 / 9 page IRF7413PbF www.irf.com 3 Fig 4. Normalized On-Resistance Vs. Temperature Fig 1. Typical Output Characteristics Fig 2. Typical Output Characteristics Fig 3. Typical Transfer Characteristics 1 10 100 0.1 1 10 20µs PULSE WIDTH T = 25°C A J DS V , Drain-to-Source Voltage (V) 3.0V VGS TOP 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 3.0V 1 10 100 0.1 1 10 A DS V , Drain-to-Source Voltage (V) 20µs PULSE WIDTH T = 150°C J 3.0V VGS TOP 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 3.0V 1 10 100 3.0 3.5 4.0 4.5 T = 25°C T = 150°C J J GS V , Gate-to-Source Voltage (V) A V = 10V 20µs PULSE WIDTH DS 0.0 0.5 1.0 1.5 2.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 J T , Junction Temperature (°C) V = 10V GS A I = 7.3A D |
유사한 부품 번호 - IRF7413TRPBF |
|
유사한 설명 - IRF7413TRPBF |