전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC123D.653 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74HC123D.653
상세설명  Dual retriggerable monostable multivibrator with reset
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC123D.653 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74HC123D.653 Datasheet HTML 4Page - NXP Semiconductors 74HC123D.653 Datasheet HTML 5Page - NXP Semiconductors 74HC123D.653 Datasheet HTML 6Page - NXP Semiconductors 74HC123D.653 Datasheet HTML 7Page - NXP Semiconductors 74HC123D.653 Datasheet HTML 8Page - NXP Semiconductors 74HC123D.653 Datasheet HTML 9Page - NXP Semiconductors 74HC123D.653 Datasheet HTML 10Page - NXP Semiconductors 74HC123D.653 Datasheet HTML 11Page - NXP Semiconductors 74HC123D.653 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
74HC_HCT123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 16 December 2011
8 of 25
NXP Semiconductors
74HC123; 74HCT123
Dual retriggerable monostable multivibrator with reset
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC123
tpd
propagation
delay
nRD, nA, nB to nQ or nQ;
CEXT = 0 pF;
REXT =5 k;
see Figure 9
[1]
VCC = 2.0 V
-
83
255
-
320
-
385
ns
VCC = 4.5 V
-
30
51
-
64
-
77
ns
VCC = 5 V; CL = 15 pF
-
26
-
-
-
-
-
ns
VCC = 6.0 V
-
24
43
-
54
-
65
ns
nRD (reset) to nQ or nQ;
CEXT =0 pF;
REXT =5 k;
see Figure 9
VCC = 2.0 V
-
66
215
-
270
-
325
ns
VCC = 4.5 V
-
24
43
-
54
-
65
ns
VCC = 5 V; CL = 15 pF
-
20
-
-
-
-
-
ns
VCC = 6.0 V
-
19
37
-
46
-
55
ns
tt
transition time
see Figure 9
[1]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
tW
pulse width
nA LOW; see Figure 10
VCC = 2.0 V
100
8
-
125
-
150
-
ns
VCC = 4.5 V
20
3
-
25
-
30
-
ns
VCC = 6.0 V
17
2
-
21
-
26
-
ns
nB HIGH; see Figure 10
VCC = 2.0 V
100
17
-
125
-
150
-
ns
VCC = 4.5 V
20
6
-
25
-
30
-
ns
VCC = 6.0 V
17
5
-
21
-
26
-
ns
nRD LOW; see Figure 11
VCC = 2.0 V
100
14
-
125
-
150
-
ns
VCC = 4.5 V
20
5
-
25
-
30
-
ns
VCC = 6.0 V
17
4
-
21
-
26
-
ns
nQ HIGH and nQ LOW;
VCC =5.0 V;
see Figure 10 and 11
[2]
CEXT = 100 nF;
REXT = 10 k
-450
-
-
-
-
-
s
CEXT = 0 pF;
REXT =5 k
-75-
-
-
-
-
ns


유사한 부품 번호 - 74HC123D.653

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC123D PHILIPS-74HC123D Datasheet
124Kb / 17P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HC123D NXP-74HC123D Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
74HC123D PHILIPS-74HC123D Datasheet
295Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 8-16 December 2011
logo
Toshiba Semiconductor
74HC123D TOSHIBA-74HC123D Datasheet
324Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-10 Rev.4.0
logo
Nexperia B.V. All right...
74HC123D NEXPERIA-74HC123D Datasheet
322Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
More results

유사한 설명 - 74HC123D.653

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com