전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-104-S-1A 데이터시트(PDF) 1 Page - Samtec, Inc

부품명 SD-104-S-1A
상세설명  PRECISION MACHINED SOCKET STRIPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMTEC [Samtec, Inc]
홈페이지  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SD-104-S-1A 데이터시트(HTML) 1 Page - Samtec, Inc

  SD-104-S-1A Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2,54 mm) .100"
SS, SD, ESD, ESS, HSS SERIES
SS–132–G–2
ESD–115–G–05
WWW.SAMTEC.COM
SS
= Standard Single
Row Socket
HSS
= High Temp Single
Row Socket
NO. PINS
PER ROW
1
TYPE
STRIP
PLATING
OPTION
LEAD
STYLE
=
Locking
Socket
– L
OTHER
OPTION
– N
= Non
Flush
OPTION
01 thru 32
= SS, ESS Series
–1A, –1B or –1C
For LIF specify –21A, –21B or –21C
(SS, HSS, SD)
Add –L suffix for locking
lead socket in end positions.
Requires Style -2 or -22 and
.035" ± .003 DIA board hole.
Mates with:
TS, TD, HTS, BBS,
BBD, BBL, BDL, BHS
Note:
Some lengths, styles and options are
non-standard, non-returnable.
SD
= Standard Double
Row Socket
01 thru 36
= HSS, SD & ESD Series
Style – 5A not available.
Styles –5A & –05 socket
heads not countersunk.
(2,54) .100 x No. of Positions
(2,54)
.100 TYP
(5,08)
.200
(2,54)
.100
(2,54)
.100
Styles – 5A & –05 socket
heads not countersunk.
(0,76)
.030
REF
(2,54) .100 x No. of Positions
(2,54)
.100 TYP
(2,54)
.100
(2,54)
.100
(7,62)
.300
(3,43)
.135
Requires -T Plating Option
LEAD STYLE
–1A or –21A
–1B or –21B
–1C or –21C
Y
(9,14)
.360
(12,95)
.510
(6,60)
.260
(1,83)
.072 DIA
Y
(0,76)
.030
(1,32)
.052
DIA
(0,64)
.025 SQ
(4,90)
.193
(1,83)
.072
DIA
Z
Y
(0,76)
.030
(1,32)
.052
DIA
X
Locking lead available. See OPTION.
X
DIA
(0,51)
.020
(0,51)
.020
(0,89)
.035
Y
(3,18)
.125
(4,57)
.180
(12,95)
.510
Z
(7,62)
.300
(8,89)
.350
(17,86)
.703
LEAD STYLE
–2 or –22
–38
–5A
N/A Style –5A
For complete specifications
see www.samtec.com?SS,
www.samtec.com?ESS,
www.samtec.com?SD or
www.samtec.com?ESD
SS, SD, ESS, ESD
Insulator Material:
Black G.F. Polyester
Contact:
BeCu
Shell:
Brass except Style 5A
Phosphor Bronze
Current Rating:
1A per contact
Plating:
Au over 50µ" (1,27 µm) Ni or
Sn over 50µ" (1,27 µm) Ni
Operating Temp Range:
-55°C to +125°C
Contact Resistance:
10 m
Ω
Lead Size Range:
(0,38 mm to 0,56 mm)
.015" to .022" DIA
and most IC leads
Insertion Force:
(Single contact only)
Standard=
9 oz (2,50 N) avg.,
16 oz (4,45 N) max
Low Insertion Force=
2.5 oz (0,70 N) avg.,
5.5 oz (1,53 N) max
Withdrawal Force:
(Single contact only)
Standard=
2.5 oz (0,70 N) avg.,
1.5 oz (0,42 N) min
Low Insertion Force=
2.0 oz (0,56 N) avg.,
0.35 oz (0,10 N) min
Insertion Depth:
(-05, -1X & -21X, -5A)
(3,18 mm) .125" to
(3,99 mm) .157"
Insertion Depth:
(-2, -22, -38)
(2,41 mm) .095" to
(3,68 mm) .145"
RoHS Compliant:
Yes
Lead-Free Solderable:
Wave only
–S
= 10µ" (0,25 µm) Gold contact,
Tin shell
(Styles 2 & 22 only)
–T
= 30µ" (0,76 µm) Gold contact,
Tin shell
–G
= 30µ" (0,76 µm) Gold contact,
10µ" (0,25 µm) Gold shell
–TT
= Tin contact and shell
(Styles 1, 2, 4, and 05
except LIF N/A)
For complete specifications
see www.samtec.com?HSS
HSS
Same as SS except:
Insulator Material:
Black Liquid Crystal Polymer
Lead-Free Solderable:
Wave, or reflow with all Au
ALSO AVAILABLE
Locking lead option on ESS
and ESD series. Contact Samtec.
A
B
C
(0,64)
.025
SQ
(0,76)
.030
LIF= Low Insertion Force
C
(4,39)
.173
(3,89)
.153
(3,89)
.153
B
(13,46)
.530
(7,62)
.300
(10,16)
.400
LEAD
STYLE
05
03 or 23
04
A
(17,86)
.703
(11,51)
.453
(14,05)
.553
–03, –04, –05
For LIF specify –23
(ESS, ESD)
–2, –22*,–5A,
or –38*
*For LIF specify –22 or –38 (SS, HSS, SD)
ESD
= Elevated Double
Row Socket
ESS
= Elevated Single Row Socket
SPECIFICATIONS
SPECIFICATIONS
PRECISION MACHINED SOCKET STRIPS
F-213


유사한 부품 번호 - SD-104-S-1A

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-104000-001 MOLEX11-SD-104000-001 Datasheet
121Kb / 2P
   1.02mm (.040") Tab Wire-to-Board Housing, Male, 16 Circuits
SD-104042-001 MOLEX11-SD-104042-001 Datasheet
250Kb / 3P
   1.10mm (.043") Pitch microSD Memory Card Connector, Reverse Mount SMT, Push- Push Type
SD-104046-001 MOLEX11-SD-104046-001 Datasheet
211Kb / 4P
   2.00mm (.079") Pitch Wire-to-Board Header, Surface Mount, Single Row, Right Angle, 4 Circuits
SD-104046-002 MOLEX11-SD-104046-002 Datasheet
211Kb / 4P
   2.00mm (.079") Pitch Wire-to-Board Header, Surface Mount, Single Row, Right Angle, 4 Circuits
SD-104047-001 MOLEX11-SD-104047-001 Datasheet
99Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board Crimp Housing, Single Row, 4 Circuits
More results

유사한 설명 - SD-104-S-1A

제조업체부품명데이터시트상세설명
logo
Samtec, Inc
SS-125-S-2 SAMTEC-SS-125-S-2 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SS-126-S-2 SAMTEC-SS-126-S-2 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SS-110-T-3 SAMTEC-SS-110-T-3 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SD-112-G-21C SAMTEC-SD-112-G-21C Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SD-123-G-2 SAMTEC-SD-123-G-2 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SS-106-G-1C SAMTEC-SS-106-G-1C Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SS-103-S-2 SAMTEC-SS-103-S-2 Datasheet
1Mb / 1P
   PRECISION MACHINED SOCKET STRIPS
SD-136-T-2 SAMTEC-SD-136-T-2 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SS-121-T-5 SAMTEC-SS-121-T-5 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
HTS-130-G-AA SAMTEC-HTS-130-G-AA Datasheet
1Mb / 1P
   PRECISION MACHINED TERMINAL STRIPS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com