전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD159STU 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 BD159STU
상세설명  For T.V Radio Audio Output Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD159STU 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  BD159STU Datasheet HTML 1Page - Fairchild Semiconductor BD159STU Datasheet HTML 2Page - Fairchild Semiconductor BD159STU Datasheet HTML 3Page - Fairchild Semiconductor BD159STU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Package Demensions
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Dimensions in Millimeters
3.25
±0.20
8.00
±0.30
ø3.20
±0.10
0.75
±0.10
#1
0.75
±0.10
2.28TYP
[2.28
±0.20]
2.28TYP
[2.28
±0.20]
1.60
±0.10
1.75
±0.20
(0.50)
(1.00)
0.50
+0.10
–0.05
TO-126


유사한 부품 번호 - BD159STU

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BD159 MOTOROLA-BD159 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
ON Semiconductor
BD159 ONSEMI-BD159 Datasheet
74Kb / 4P
   POWER TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
BD159 FAIRCHILD-BD159 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
logo
ON Semiconductor
BD159 ONSEMI-BD159 Datasheet
61Kb / 3P
   Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
logo
Inchange Semiconductor ...
BD159 ISC-BD159 Datasheet
238Kb / 2P
   isc Silicon NPN Power Transistor
More results

유사한 설명 - BD159STU

제조업체부품명데이터시트상세설명
logo
NEC
2SC2690 NEC-2SC2690 Datasheet
168Kb / 2P
   Use in audio and radio Frequency power amplifiers.
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
Analog Devices
SSM2275 AD-SSM2275 Datasheet
192Kb / 16P
   Rail-to-Rail Output Audio Amplifiers
REV. A
SSM2275 AD-SSM2275_15 Datasheet
181Kb / 16P
   Rail-to-Rail Output Audio Amplifiers
logo
NTE Electronics
NTE1166 NTE-NTE1166 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Output, 5.8W for Car Radio & CB
logo
Sanyo Semicon Device
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
logo
Allegro MicroSystems
STD03N ALLEGRO-STD03N Datasheet
363Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD02N SANKEN-STD02N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
STD03N SANKEN-STD03N Datasheet
343Kb / 8P
   Darlington Transistors for Audio Amplifiers
STD01N SANKEN-STD01N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com