전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLA-7T101LF 데이터시트(PDF) 11 Page - Micrel Semiconductor

부품명 TLA-7T101LF
상세설명  Gigabit Ethernet Transceiver with RGMII Support
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

TLA-7T101LF 데이터시트(HTML) 11 Page - Micrel Semiconductor

Back Button TLA-7T101LF Datasheet HTML 7Page - Micrel Semiconductor TLA-7T101LF Datasheet HTML 8Page - Micrel Semiconductor TLA-7T101LF Datasheet HTML 9Page - Micrel Semiconductor TLA-7T101LF Datasheet HTML 10Page - Micrel Semiconductor TLA-7T101LF Datasheet HTML 11Page - Micrel Semiconductor TLA-7T101LF Datasheet HTML 12Page - Micrel Semiconductor TLA-7T101LF Datasheet HTML 13Page - Micrel Semiconductor TLA-7T101LF Datasheet HTML 14Page - Micrel Semiconductor TLA-7T101LF Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Micrel, Inc.
KSZ9021RL/RN
October 2009
11
M9999-101309-1.1
Pin Number
Pin Name
Type
(1)
Pin Function
21
LED1 /
PHYAD0
I/O
LED Output:
Programmable LED1 Output /
Config Mode:
The pull-up/pull-down value is latched as PHYAD[0] during
power-up / reset. See “Strapping Options” section for details.
The LED1 pin is programmed by the LED_MODE strapping option (pin 55), and is
defined as follows.
Single LED Mode
Activity
Pin State
LED Definition
No Activity
H
OFF
Activity (RX, TX)
Toggle
Blinking
Tri-color Dual LED Mode
Pin State
LED Definition
Link / Activity
LED2
LED1
LED2
LED1
Link off
H
H
OFF
OFF
1000 Link / No Activity
L
H
ON
OFF
1000 Link / Activity (RX, TX)
Toggle
H
Blinking
OFF
100 Link / No Activity
H
L
OFF
ON
100 Link / Activity (RX, TX)
H
Toggle
OFF
Blinking
10 Link / No Activity
L
L
ON
ON
10 Link / Activity (RX, TX)
Toggle
Toggle
Blinking
Blinking
For Tri-color Dual LED Mode, LED1 works in conjunction with LED2 (pin 19) to
indicate 10 Mbps Link and Activity.
22
DVDDL
P
1.2V digital VDD
23
VSS
Gnd
Digital ground
24
TXD0
I
RGMII Mode:
RGMII TD0 (Transmit Data 0) Input
25
TXD1
I
RGMII Mode:
RGMII TD1 (Transmit Data 1) Input
26
TXD2
I
RGMII Mode:
RGMII TD2 (Transmit Data 2) Input
27
TXD3
I
RGMII Mode:
RGMII TD3 (Transmit Data 3) Input
28
VSS
Gnd
Digital ground
29
DVDDL
P
1.2V digital VDD
30
DVDDH
P
3.3V / 2.5V digital VDD
31
TX_ER
I
RGMII Mode:
This pin is not used and should be left as a no connect.
32
GTX_CLK
I
RGMII Mode:
RGMII TXC (Transmit Reference Clock) Input
33
TX_EN
I
RGMII Mode:
RGMII TX_CTL (Transmit Control) Input
34
VSS
Gnd
Digital ground
35
DVDDL
P
1.2V digital VDD


유사한 부품 번호 - TLA-7T101LF

제조업체부품명데이터시트상세설명
logo
TDK Electronics
TLA-7T101LF TDK-TLA-7T101LF Datasheet
412Kb / 34P
   Pulse transformers
More results

유사한 설명 - TLA-7T101LF

제조업체부품명데이터시트상세설명
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX_V01 Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
KSZ9021RL MICROCHIP-KSZ9021RL Datasheet
661Kb / 67P
   Gigabit Ethernet Transceiver with RGMII Support
05/14/19
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
   Gigabit Ethernet Transceiver with RGMII Support
06/23/16
logo
Micrel Semiconductor
KSZ9031RNX MICREL-KSZ9031RNX Datasheet
973Kb / 75P
   Gigabit Ethernet Transceiver with RGMII Support
logo
Microchip Technology
KSZ9131RNX MICROCHIP-KSZ9131RNX Datasheet
3Mb / 154P
   Gigabit Ethernet Transceiver with RGMII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021RN MICREL-KSZ9021RN Datasheet
124Kb / 2P
   Single-port Gigabit Transceiver with RGMII Support
logo
Microchip Technology
KSZ9131MNX MICROCHIP-KSZ9131MNX Datasheet
2Mb / 146P
   Gigabit Ethernet Transceiver with GMII/MII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021GN MICREL-KSZ9021GN Datasheet
424Kb / 53P
   Gigabit Ethernet Transceiver with GMII / MII Support
logo
Microchip Technology
KSZ9031MNX MICROCHIP-KSZ9031MNX Datasheet
730Kb / 73P
   Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
logo
Micrel Semiconductor
KSZ9021GQ MICREL-KSZ9021GQ Datasheet
485Kb / 59P
   Gigabit Ethernet Transceiver with GMII / MII Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com