전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2576BT 데이터시트(PDF) 7 Page - Micrel Semiconductor

부품명 LM2576BT
상세설명  52kHz Simple 3A Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2576BT 데이터시트(HTML) 7 Page - Micrel Semiconductor

  LM2576BT Datasheet HTML 1Page - Micrel Semiconductor LM2576BT Datasheet HTML 2Page - Micrel Semiconductor LM2576BT Datasheet HTML 3Page - Micrel Semiconductor LM2576BT Datasheet HTML 4Page - Micrel Semiconductor LM2576BT Datasheet HTML 5Page - Micrel Semiconductor LM2576BT Datasheet HTML 6Page - Micrel Semiconductor LM2576BT Datasheet HTML 7Page - Micrel Semiconductor LM2576BT Datasheet HTML 8Page - Micrel Semiconductor LM2576BT Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
August 2005
7
M9999-082605-B
LM2576
Micrel, Inc.
100 µS/div.
Load Transient Response
+100mV
0
-100mV
Output
Voltage
Change
3A
2A
1A
0
Output
Current
50V
0
4A
2A
0
4A
2A
0
A
B
C
D
5 µS/div.
Switching Waveforms
A: Output pin voltage 50V/div
B: Output pin current 2A/div
C: Inductor current 2A/div
D: Output ripple voltage 50 mV/div., AC coupled
Horizontal Time Base: 5µS/div
VOUT = 5V VIN = 45V
Typical Performance Characteristics (Circuit of Figure 1)


유사한 부품 번호 - LM2576BT

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
LM2576BT MICREL-LM2576BT Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2576BT MICREL-LM2576BT Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576BT MICREL-LM2576BT Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
More results

유사한 설명 - LM2576BT

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com