전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3TC7814-1CM 데이터시트(PDF) 7 Page - Siemens Semiconductor Group

부품명 3TC7814-1CM
상세설명  Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3TC7814-1CM 데이터시트(HTML) 7 Page - Siemens Semiconductor Group

Back Button 3TC7814-1CM Datasheet HTML 3Page - Siemens Semiconductor Group 3TC7814-1CM Datasheet HTML 4Page - Siemens Semiconductor Group 3TC7814-1CM Datasheet HTML 5Page - Siemens Semiconductor Group 3TC7814-1CM Datasheet HTML 6Page - Siemens Semiconductor Group 3TC7814-1CM Datasheet HTML 7Page - Siemens Semiconductor Group 3TC7814-1CM Datasheet HTML 8Page - Siemens Semiconductor Group 3TC7814-1CM Datasheet HTML 9Page - Siemens Semiconductor Group 3TC7814-1CM Datasheet HTML 10Page - Siemens Semiconductor Group 3TC7814-1CM Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
3RT, 3RH, 3TB, 3TC, 3TH, 3TK Contactors for Special Applications
3TC Contactors for Switching DC Voltage
1- and 2-pole, 32 ... 400 A
3/77
Siemens LV 1 · 2006
1) For the permissible load for utilization category DC-1,
see Technical Specifications.
2) The auxiliary switch complement cannot be altered on DC-operated
contactors.
3) Upper operating range limit at 230 V: 1.14 x Us.
1) Coil operating range at 220 V or 380 V: 0.85 to 1.15 x Us;
lower operating range limit according to IEC 60947.
2) Upper operating range limit at 230 V: 1.14 x Us.
3TC74
3TC78
Size
Rated data
DC-3 and DC-51)
Auxiliary
contacts2)
Rated control
supply
voltage Us
DT Order No.
Price
per PU
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
Opera-
tional
current Ie
Ratings of DC motors at
110 V 220 V 440 V 600 V 750 V 1200 V 1500 V
A
kWkWkWkW
kWkW
kW
NO
NC V
kg
3TC74 1-pole contactors
¼ Operating voltage up to 750 V
DC operation
12
400
35
70
140
200
250
--
--
4
4
24 DC
C
3TC74 14-0EB
1 1 unit 101 10.728
110 DC
C
3TC74 14-0EF
1 1 unit 101 10.660
AC operation, 50 Hz
12
400
35
70
140
200
250
--
--
4
4
230 / 220 AC3) C
3TC74 14-1CM
1 1 unit 101 10.850
3TC78 2-pole contactors
¼ Operating voltage up to 1500 V
DC operation
12
400
35
70
140
200
250
400
500
4
4
24 DC
C
3TC78 14-0EB
1 1 unit 101 22.500
110 DC
C
3TC78 14-0EF
1 1 unit 101 15.960
AC operation, 50 Hz
12
400
35
70
140
200
250
400
500
4
4
230 / 220 AC3) C
3TC78 14-1CM
1 1 unit 101 23.824
For more rated control supply voltages Us, see below.
For spare parts, see page 3/144.
Contactor type
3TC44
3TC48
3TC52/56
3TC74/78
Rated control supply voltage Us
Rated control supply voltages (the 10th and 11th position of the order number must be changed)
AC operation · Coils for 50 Hz
24 V AC
B0
B0
--
--
110 V AC
F0
F0
F0
--
230/220 V AC
P01)
P01)
P01)
M2)
240 V AC
U0
U0
--
--
AC operation · Coils for 50/60 Hz
24 V AC
C2
--
--
--
110 V AC
G2
--
--
--
120 V AC
K2
--
--
--
220 V AC
N2
--
--
--
230 V AC
L2
--
--
--
DC operation
24 V DC
B4
B4
B4
B
48 V DC
W4
W4
--
--
60 V DC
E4
E4
--
--
110 V DC
F4
F4
F4
F
125 V DC
G4
G4
--
--
220 V DC
M4
M4
M4
M
230 V DC
P4
P4
--
--
* You can order this quantity or a multiple thereof.


유사한 부품 번호 - 3TC7814-1CM

제조업체부품명데이터시트상세설명
logo
Sensata Technologies, I...
3TC SENSATA-3TC Datasheet
138Kb / 3P
   15–35 Amp, Single–Phase, Miniature Ambient Compensated
More results

유사한 설명 - 3TC7814-1CM

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
3RH19211CA10 SIEMENS-3RH19211CA10 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
logo
PHOENIX CONTACT
102490 PHOENIX-102490 Datasheet
231Kb / 3P
   PLC INTERFACE With Extended Input Voltage and Temperature Range for Railway Applications
logo
Hirose Electric
TJXA HIROSE-TJXA Datasheet
464Kb / 8P
   Interface Connector for Railway Applications
logo
E+E Elektronik Ges.m.b....
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
   CO2 Sensor for Railway Applications
08-2023
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
PHOENIX CONTACT
PLC-RPT-110UC PHOENIX-PLC-RPT-110UC Datasheet
84Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PLC-RPT-72UC PHOENIX-PLC-RPT-72UC Datasheet
80Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 72 V DC
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
   Designed for Extended Hold-Up Applications
logo
Pulse A Technitrol Comp...
JX0026D21NL PULSE-JX0026D21NL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
J426 PULSE-J426 Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com