전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1411A075 데이터시트(PDF) 1 Page - Littelfuse

부품명 SL1411A075
상세설명  RoHS complaint Lead-free Excellent response to fast rising transients
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1411A075 데이터시트(HTML) 1 Page - Littelfuse

  SL1411A075 Datasheet HTML 1Page - Littelfuse SL1411A075 Datasheet HTML 2Page - Littelfuse SL1411A075 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
59
©2008 Littelfuse, Inc.
Revised: January 16, 2009
Gas Plasma Arrester (GDT) Products
Heavy Duty Delta Range > SL1411A Series
SL1411A Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/SL1411A.html for current information.
59
©2008 Littelfuse, Inc.
Revised: January 16, 2009
Description
The GreentubeSL1411A (Delta) Series Gas Plasma
Arrester (improved gas discharge tube (GDT)) features is a
high-performance transient voltage suppressor designed
for heavy-duty protection of telecom and industrial
equipment.
The Delta range provides high levels of protection against
fast rising transients measuring 100V/μs to 1kV/μs and is
usually caused by lightning disturbances.
The high surge rating of these devices makes them ideal
for arduous service conditions and Outside Plant locations.
The Delta range also features ultra low capacitance
(typically 1 pF or less) and optimized internal geometry
which provides low insertion loss at high frequencies, so
are ideal for the protection of broadband equipment.
Features
free
rising transients
frequency
capability tested with
characteristics
Applications
protector modules
equipment
equipment
SL1411A Series Two-terminal Gas Plasma Arrester
RoHS
2 Electrode GDT Graphical Symbol
AGENCY
AGENCY FILE NUMBER
®
E128662
Agency Approvals
Pb
®


유사한 부품 번호 - SL1411A075

제조업체부품명데이터시트상세설명
logo
Littelfuse
SL1411A075 LITTELFUSE-SL1411A075 Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1411A075 LITTELFUSE-SL1411A075 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1411A075 LITTELFUSE-SL1411A075 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
More results

유사한 설명 - SL1411A075

제조업체부품명데이터시트상세설명
logo
Shenzhen Bencent Electr...
BS8000N-C-F BENCENT-BS8000N-C-F Datasheet
344Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS3500N-C-F BENCENT-BS3500N-C-F Datasheet
272Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060U-2G BENCENT-BS0060U-2G Datasheet
241Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS1100N-2A1 BENCENT-BS1100N-2A1 Datasheet
411Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-C BENCENT-BS4200Q-C Datasheet
313Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-D BENCENT-BS4200Q-D Datasheet
301Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-2C BENCENT-BS0060N-2C Datasheet
297Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-C-F BENCENT-BS0060N-C-F Datasheet
333Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200N-C-F BENCENT-BS4200N-C-F Datasheet
446Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0640N-2C BENCENT-BS0640N-2C Datasheet
293Kb / 5P
   Eliminates overvoltage caused by fast rising transients
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com