전자부품 데이터시트 검색엔진 |
|
SI3008 데이터시트(PDF) 7 Page - Silicon Laboratories |
|
SI3008 데이터시트(HTML) 7 Page - Silicon Laboratories |
7 / 72 page Si2401/Si3008 Rev. 1.1 7 Table 5. Absolute Maximum Ratings Parameter Symbol Value Unit DC Supply Voltage VD 4.1 V Input Current, Si2401 Digital Input Pins IIN ±10 mA Digital Input Voltage VIND –0.3 to 5.3 V CLKIN/XTALI Input Voltage VXIND –0.3 to (VD + 0.3) V Operating Temperature Range TA –10 to 100 °C Storage Temperature Range TSTG –40 to 150 °C Note: Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. |
유사한 부품 번호 - SI3008 |
|
유사한 설명 - SI3008 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |