전자부품 데이터시트 검색엔진 |
|
SI3018-F-FT 데이터시트(PDF) 6 Page - Silicon Laboratories |
|
SI3018-F-FT 데이터시트(HTML) 6 Page - Silicon Laboratories |
6 / 128 page Si3050 + Si3011/18/19 6 Rev. 1.5 Figure 1. Test Circuit for Loop Characteristics Table 2. Loop Characteristics (VD = 3.0 to 3.6 V, TA = 0 to 70 °C, see Figure 1 on page 6) Parameter Symbol Test Condition Min Typ Max Unit DC Termination Voltage VTR IL =20mA, ILIM =0 DCV = 00, MINI = 11, DCR = 0 —— 6.0 V DC Termination Voltage VTR IL = 120 mA, ILIM = 0 DCV = 00, MINI = 11, DCR = 0 9— — V DC Termination Voltage VTR IL =20mA, ILIM =0 DCV = 11, MINI = 00, DCR = 0 —— 7.5 V DC Termination Voltage VTR IL = 120 mA, ILIM = 0 DCV = 11, MINI = 00, DCR = 0 9— — V DC Termination Voltage VTR IL =20mA, ILIM =1 DCV = 11, MINI = 00, DCR = 0 —— 7.5 V DC Termination Voltage VTR IL =60mA, ILIM =1 DCV = 11, MINI = 00, DCR = 0 40 — — V DC Termination Voltage VTR IL =50mA, ILIM =1 DCV = 11, MINI = 00, DCR = 0 —— 40 V On-Hook Leakage Current ILK VTR = –48 V — — 5 µA Operating Loop Current ILP MINI = 00, ILIM = 0 10 — 120 mA Operating Loop Current ILP MINI = 00, ILIM = 1 10 — 60 mA DC Ring Current dc current flowing through ring detection circuitry —1.5 3 µA Ring Detect Voltage* VRD RT2 = 0, RT = 0 13.5 15 16.5 Vrms Ring Detect Voltage* VRD RT2 = 0, RT = 1 19.35 21.5 23.65 Vrms Ring Detect Voltage* VRD RT2 = 1, RT = 1 40.5 45 49.5 Vrms Ring Frequency FR 13 — 68 Hz Ringer Equivalence Number REN — — 0.2 *Note: The ring signal is guaranteed to not be detected below the minimum. The ring signal is guaranteed to be detected above the maximum. TIP RING + – Si3011/18/19 VTR IL 10 F 600 |
유사한 부품 번호 - SI3018-F-FT |
|
유사한 설명 - SI3018-F-FT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |