전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QXX06NH4 데이터시트(PDF) 6 Page - Littelfuse

부품명 QXX06NH4
상세설명  6 Amp bi-directional solid state switch series is designed for AC switching
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX06NH4 데이터시트(HTML) 6 Page - Littelfuse

Back Button QXX06NH4 Datasheet HTML 2Page - Littelfuse QXX06NH4 Datasheet HTML 3Page - Littelfuse QXX06NH4 Datasheet HTML 4Page - Littelfuse QXX06NH4 Datasheet HTML 5Page - Littelfuse QXX06NH4 Datasheet HTML 6Page - Littelfuse QXX06NH4 Datasheet HTML 7Page - Littelfuse QXX06NH4 Datasheet HTML 8Page - Littelfuse QXX06NH4 Datasheet HTML 9Page - Littelfuse QXX06NH4 Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
66
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
6 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx06xx & Qxx06xx & Qxx06xHx Series
Figure 9: Maximum Allowable Ambient Temperature
vs. On-State Current (Sensitive / Standard Triac)
Figure 10: Maximum Allowable Ambient Temperature
vs. On-State Current (Alternistor Triac)
RMS On-State Current [I
T(RMS)] - Amps
120
100
80
60
40
20
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
CASE TEMPERATURE: Measured as shown
on Dimensional Drawing
Qxx06LHy
Qxx06RHy
Qxx06NHy
Qxx06VHy
RMS On-State Current (I
T(RMS)) - Amps
120
100
80
60
40
20
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Qxx06Ly
Qxx06Ry
Qxx06Ny
Lxx06Ly
Lxx06Ry
L/Qxx06Vy
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
FREE AIR RATING – NO HEATSINK
Figure 11: On-State Current vs. On-State Voltage
(Typical)
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
20
18
16
14
12
10
8
6
4
2
0
T
C = 25°C
Postitive or Negative Instantaneous
On-State Voltage (v
T) - Volts


유사한 부품 번호 - QXX06NH4

제조업체부품명데이터시트상세설명
logo
Littelfuse
QXX06LT LITTELFUSE-QXX06LT Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX06LTH LITTELFUSE-QXX06LTH Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX06LTHTP LITTELFUSE-QXX06LTHTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX06LTTP LITTELFUSE-QXX06LTTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
More results

유사한 설명 - QXX06NH4

제조업체부품명데이터시트상세설명
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com