전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8420BB-D-IS 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 SI8420BB-D-IS
상세설명  LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8420BB-D-IS 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button SI8420BB-D-IS Datasheet HTML 7Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 8Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 9Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 10Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 11Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 12Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 13Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 14Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Si8410/20/21
Rev. 1.4
11
Table 5. Electrical Characteristics1
(VDD1 = 2.70 V, VDD2 = 2.70 V, TA = –40 to 125 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
VDD1,VDD2 –0.4
2.3
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
IL
——
±10
µA
Output Impedance2
ZO
—85
DC Supply Current (All inputs 0 V or at supply)
Si8410Ax, Bx
VDD1
VDD2
VDD1
VDD2
All inputs 0 DC
All inputs 0 DC
All inputs 1 DC
All inputs 1 DC
0.8
0.8
1.8
0.8
1.2
1.2
2.7
1.2
mA
Si8420Ax, Bx
VDD1
VDD2
VDD1
VDD2
All inputs 0 DC
All inputs 0 DC
All inputs 1 DC
All inputs 1 DC
1.0
1.3
3.0
1.4
1.5
2.0
4.5
2.1
mA
Si8421Ax, Bx
VDD1
VDD2
VDD1
VDD2
All inputs 0 DC
All inputs 0 DC
All inputs 1 DC
All inputs 1 DC
1.3
1.3
2.3
2.3
2.0
2.0
3.5
3.5
mA
1 Mbps Supply Current (All inputs = 500 kHz square wave, CI = 15 pF on all outputs)
Si8410Ax, Bx
VDD1
VDD2
1.3
0.9
2.0
1.4
mA
Si8420Ax, Bx
VDD1
VDD2
2.0
1.6
3.0
2.4
mA
Si8421Ax, Bx
VDD1
VDD2
1.9
1.9
2.9
2.9
mA
Notes:
1. Specifications in this table are also valid at VDD1 = 2.6 V and VDD2 = 2.6 V when the operating temperature range is
constrained to TA = 0 to 85 °C.
2. The nominal output impedance of an isolator driver channel is approximately 85
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
3. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
4. Start-up time is the time period from the application of power to valid data at the output.


유사한 부품 번호 - SI8420BB-D-IS

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI8420BB-D-IS SKYWORKS-SI8420BB-D-IS Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
More results

유사한 설명 - SI8420BB-D-IS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com