전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4113-D-GM 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 SI4113-D-GM
상세설명  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4113-D-GM 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button SI4113-D-GM Datasheet HTML 4Page - Silicon Laboratories SI4113-D-GM Datasheet HTML 5Page - Silicon Laboratories SI4113-D-GM Datasheet HTML 6Page - Silicon Laboratories SI4113-D-GM Datasheet HTML 7Page - Silicon Laboratories SI4113-D-GM Datasheet HTML 8Page - Silicon Laboratories SI4113-D-GM Datasheet HTML 9Page - Silicon Laboratories SI4113-D-GM Datasheet HTML 10Page - Silicon Laboratories SI4113-D-GM Datasheet HTML 11Page - Silicon Laboratories SI4113-D-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Si4133
8
Rev. 1.61
Table 5. RF and IF Synthesizer Characteristics
(VDD = 2.7 to 3.6 V, TA = –40 to 85 °C)
Parameter1
Symbol
Test Condition
Min
Typ
Max
Unit
XIN Input Frequency
f
REF
2—
26
MHz
Reference Amplifier Sensitivity
VREF
0.5
VDD
+0.3 V
VPP
Phase Detector Update Frequency
f
f= fREF/R
0.010
1.0
MHz
RF1 VCO Center Frequency Range
fCEN
947
1720
MHz
RF1 VCO Tuning Range2
Extended frequency
operation
1850
2050
MHz
RF2 VCO Center Frequency Range
fCEN
789
1429
MHz
RF Tuning Range from fCEN
Note: LEXT ±10%
–5
5
%
IF VCO Center Frequency Range
fCEN
526
952
MHz
IFOUT Tuning Range
with IFDIV
62.5
1000
MHz
IFOUT Tuning Range from fCEN
Note: LEXT ±10%
–5
5
%
RF1 VCO Pushing
Open loop
500
kHz/V
RF2 VCO Pushing
400
kHz/V
IF VCO Pushing
300
kHz/V
RF1 VCO Pulling
VSWR = 2:1, all
phases, open loop
400
kHzPP
RF2 VCO Pulling
300
kHzPP
IF VCO Pulling
100
kHzPP
RF1 Phase Noise
1 MHz offset
–132
dBc/Hz
RF1 Integrated Phase Error
10 Hz to 100 kHz
0.9
degrees
rms
RF2 Phase Noise
1 MHz offset
–134
dBc/Hz
RF2 Integrated Phase Error
10 Hz to 100 kHz
0.7
degrees
rms
IF Phase Noise
100 kHz offset
–117
dBc/Hz
IF Integrated Phase Error
100 Hz to 100 kHz
0.4
degrees
rms
Notes:
1. f= 200 kHz, RF1 = 1.6 GHz, RF2 = 1.2 GHz, IFOUT = 550 MHz, LPWR = 0, for all parameters unless otherwise noted.
2. Extended frequency operation only. VDD  3.0 V, QFN only, VCO Tuning Range fixed by directly shorting the RFLA and
RFLB pins. See Application Note 41 for more details on the Si4133 extended frequency operation.
3. From powerup request (PWDN
 or SEN during a write of 1 to bits PDIB and PDRB in Register 2) to RF and IF
synthesizers ready (settled to within 0.1 ppm frequency error).
4. From powerdown request (PWDN
, or SENduring a write of 0 to bits PDIB and PDRB in Register 2) to supply current
equal to IPWDN.


유사한 부품 번호 - SI4113-D-GM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI4113-BM ETC-SI4113-BM Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4113-BT ETC-SI4113-BT Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results

유사한 설명 - SI4113-D-GM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com