전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4750-A10-AM 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 SI4750-A10-AM
상세설명  High Performance Automotive AM/FM Radio Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4750-A10-AM 데이터시트(HTML) 1 Page - Silicon Laboratories

  SI4750-A10-AM Datasheet HTML 1Page - Silicon Laboratories SI4750-A10-AM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive AM/FM Tuner
Copyright © 2010 by Silicon Laboratories
11.16.10
LNA
REG
ROUT
LOUT/MPXOUT
INTB
RSTB
VIO
RFGND
AMI
FMI
FMO
RFREG
FMXI
FMAGC1
FMAGC2
RL
Si475x
0°/90°
IF PKD
LNA
RDS
CNTRL
CIK
Gen
RF PKD
RF PKD
RF PKD
Si475x-A10
High Performance Automotive AM/FM Radio Receiver
Description
The Si475x radio receiver family employs RF CMOS
technology to bring outstanding radio receiver performance
and automotive quality to the automotive infotainment
industry. The Si475x family supports worldwide FM, AM,
shortwave, longwave, and weatherband radio reception.
The Si475x receiver system specifies a minimal bill of
materials,
resulting
in
a
very
small
board
space
requirement, making the solution ideal for any automotive
application from single tuner radios to multiple tuner radios
addressing companion TMC/AF reception/scanning.
The monolithic IC incorporates a digital signal processor
and
microcontroller,
leveraging
Silicon
Laboratories
patented
and
proven
low-IF
architecture,
delivering
superior RF performance and interference rejection, as
well as excellent sensitivity in weak signal environments
and superb selectivity and inter-modulation immunity in
strong signal environments. The device performs signal
conditioning with dynamic AM/FM channel bandwidth
control, a comprehensive set of weak signal processing
engines, auto-calibrated digital tuning, and proven AM/FM
seek functionality based on multiple signal quality and
band
parameters.
The
device
offers
world-class
performance for complete Radio Data Service (RDS)
decoding, synchronization, error detection and correction.
The device is also completely configurable, allowing raw
RDS data if so desired.
The part provides an integrated clock oscillator or accepts
a reference clock and an I2C-compatible 2-wire control
interface.
Features
- Worldwide FM band support (64–108 MHz)
- Worldwide AM band support (520–1710 kHz)
- Advanced RDS/RBDS demodulator/decoder
- Digital FM MPX decoder
- Integrated FM loop-through
- Addresses companion AF/RDS data receiver
- Advanced AM/FM noise blankers
- Dynamic AM/FM channel bandwidth control
- Advanced FM hi-cut control
- Programmable FM stereo-mono blend
- Programmable AM/FM soft mute
- Full suite of signal metrics: RSSI, SNR, multi-path
interference, frequency offset, adjacent channel strength
- Analog audio outputs
- Analog FM MPX output
- Low-IF architecture
- Eliminates expensive 10.7 MHz IF ceramic filters
- On-chip AM/FM AGC with integrated resistor and
varactor banks
- Eliminates external PIN diode attenuators
- 1.5 to 5 V power supplies
- QFN 32, 5 x 5 x0.85 mm
- Pb-free/RoHS compliant
- AEC-Q100 qualified
Applications
- OEM Car Radio Systems
- Aftermarket Car Radio Systems
- OEM Car PND Docking System


유사한 부품 번호 - SI4750-A10-AM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4750-A10 SILABS-SI4750-A10 Datasheet
993Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
More results

유사한 설명 - SI4750-A10-AM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI47920 SILABS-SI47920 Datasheet
1,016Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4757-A10-AM SILABS-SI4757-A10-AM Datasheet
997Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI47911 SILABS-SI47911 Datasheet
994Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4750-A10 SILABS-SI4750-A10 Datasheet
993Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI47901 SILABS-SI47901 Datasheet
1,003Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4745-C10-GM SILABS-SI4745-C10-GM Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
SI47903 SILABS-SI47903 Datasheet
61Kb / 2P
   High-Performance Automotive AM/FM Radio
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com