전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBM15SH60 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FSBM15SH60
상세설명  SPMTM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBM15SH60 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FSBM15SH60 Datasheet HTML 6Page - Fairchild Semiconductor FSBM15SH60 Datasheet HTML 7Page - Fairchild Semiconductor FSBM15SH60 Datasheet HTML 8Page - Fairchild Semiconductor FSBM15SH60 Datasheet HTML 9Page - Fairchild Semiconductor FSBM15SH60 Datasheet HTML 10Page - Fairchild Semiconductor FSBM15SH60 Datasheet HTML 11Page - Fairchild Semiconductor FSBM15SH60 Datasheet HTML 12Page - Fairchild Semiconductor FSBM15SH60 Datasheet HTML 13Page - Fairchild Semiconductor FSBM15SH60 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. D, August 2003
Mechanical Characteristics and Ratings
Fig. 7. Flatness Measurement Position of The Ceramic Substrate
Note:
7. Do not make over torque or mounting screws. Much mounting torque may cause ceramic cracks and bolts and Al heat-fin destruction.
8. Avoid one side tightening stress. Fig.8 shows the recommended torque order for mounting screws. Uneven mounting can cause the SPM ceramic substrate to
be damaged.
Fig. 8. Mounting Screws Torque Order
Item
Condition
Limits
Unit
Min.
Typ.
Max.
Mounting Torque
Mounting Screw: M4
(Note 7 and 8)
Recommended 10Kg•cm
8
10
12
Kg•cm
Recommended 0.98N•m
0.78
0.98
1.17
N•m
Ceramic Flatness
Note Fig.7
0
-
+120
um
Weight
-35
-
g
(+)
(+)
(+)
Datum Line
(+)
(+)
(+)
Datum Line
1
2
1
2


유사한 부품 번호 - FSBM15SH60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results

유사한 설명 - FSBM15SH60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSAM15SL60 FAIRCHILD-FSAM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SL60 FAIRCHILD-FSBM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM50SM60A FAIRCHILD-FSAM50SM60A Datasheet
421Kb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSBM20SL60 FAIRCHILD-FSBM20SL60 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SM60A FAIRCHILD-FSAM20SM60A Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM30SH60A FAIRCHILD-FSAM30SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSBM30SH60 FAIRCHILD-FSBM30SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A Datasheet
975Kb / 17P
   SPMTM (Smart Power Module)
FSAM75SM60A FAIRCHILD-FSAM75SM60A Datasheet
385Kb / 16P
   SPMTM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com