전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBM15SL60 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FSBM15SL60
상세설명  SPMTM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBM15SL60 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FSBM15SL60 Datasheet HTML 4Page - Fairchild Semiconductor FSBM15SL60 Datasheet HTML 5Page - Fairchild Semiconductor FSBM15SL60 Datasheet HTML 6Page - Fairchild Semiconductor FSBM15SL60 Datasheet HTML 7Page - Fairchild Semiconductor FSBM15SL60 Datasheet HTML 8Page - Fairchild Semiconductor FSBM15SL60 Datasheet HTML 9Page - Fairchild Semiconductor FSBM15SL60 Datasheet HTML 10Page - Fairchild Semiconductor FSBM15SL60 Datasheet HTML 11Page - Fairchild Semiconductor FSBM15SL60 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. C, August 2003
Electrical Characteristics
Control Part (T
J = 25°C, Unless Otherwise Specified)
Note:
5. Short-circuit current protection is functioning only at the low-sides. It would be recommended that the value of the external sensing resistor (RSC) should be
selected around 60
Ω in order to make the SC trip-level of about 22.5A at the shunt resistors (RSU,RSV,RSW) of 0Ω . For the detailed information about the
relationship between the external sensing resistor (RSC) and the shunt resistors (RSU,RSV,RSW), please see Fig. 6.
6. The fault-out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation : CFOD = 18.3 x 10-6 x tFOD[F]
Recommended Operating Conditions
Item
Symbol
Condition
Min. Typ. Max. Unit
Quiescent VCC Supply Cur-
rent
IQCCL
VCC = 15V
IN(UL, VL, WL) = 5V
VCC(L) - COM(L)
--
26
mA
IQCCH
VCC = 15V
IN(UH, VH, WH) = 5V
VCC(UH), VCC(VH), VCC(WH) -
COM(H)
-
-
130
uA
Quiescent VBS Supply Cur-
rent
IQBS
VBS = 15V
IN(UH, VH, WH) = 5V
VB(U) - VS(U), VB(V) -VS(V),
VB(W) - VS(W)
-
-
420
uA
Fault Output Voltage
VFOH
VSC = 0V, VFO Circuit: 4.7kΩ to 5V Pull-up
4.5
-
-
V
VFOL
VSC = 1V, VFO Circuit: 4.7kΩ to 5V Pull-up
-
-
1.1
V
Short-Circuit Trip Level
VSC(ref) VCC = 15V (Note 5)
0.45
0.51 0.56
V
Sensing Voltage
of IGBT Current
VSEN
RSC = 60 Ω, RSU = RSV = RSW = 0 Ω and IC = 22.5A
(Note Fig. 6)
0.45
0.51 0.56
V
Supply Circuit Under-
Voltage Protection
UVCCD Detection Level
11.5
12
12.5
V
UVCCR Reset Level
12
12.5
13
V
UVBSD Detection Level
7.3
9.0
10.8
V
UVBSR Reset Level
8.6
10.3
12
V
Fault Output Pulse Width
tFOD
CFOD = 33nF (Note 6)
1.4
1.8
2.0
ms
ON Threshold Voltage
VIN(ON) High-Side
Applied between IN(UH), IN(VH),
IN(WH) - COM(H)
--
0.8
V
OFF Threshold Voltage
VIN(OFF)
3.0
-
-
V
ON Threshold Voltage
VIN(ON) Low-Side
Applied between IN(UL), IN(VL),
IN(WL) - COM(L)
--
0.8
V
OFF Threshold Voltage
VIN(OFF)
3.0
-
-
V
Item
Symbol
Condition
Values
Unit
Min.
Typ.
Max.
Supply Voltage
VPN
Applied between P - NU, NV, NW
-
300
400
V
Control Supply Voltage
VCC
Applied between VCC(UH), VCC(VH), VCC(WH),
COM(H), VCC(L) - COM(L)
13.5
15
16.5
V
High-side Bias Voltage
VBS
Applied between VB(U) - VS(U), VB(V) - VS(V),
VB(W) - VS(W)
13.5
15
16.5
V
Blanking Time for Preventing
Arm-short
tdead
For Each Input Signal
3
-
-
us
PWM Input Signal
fPWM
TC ≤ 100°C, TJ ≤ 125°C
-
3
-
kHz
Input ON Threshold Voltage
VIN(ON)
Applied between IN(UH), IN(VH), IN(WH) -
COM(H), IN(UL), IN(VL), IN(WL) - COM(L)
0 ~ 0.65
V
Input OFF Threshold Voltage
VIN(OFF) Applied between IN(UH), IN(VH), IN(WH) -
COM(H), IN(UL), IN(VL), IN(WL) - COM(L)
4 ~ 5.5
V


유사한 부품 번호 - FSBM15SL60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBM15SH60 FAIRCHILD-FSBM15SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSBM15SM60A FAIRCHILD-FSBM15SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results

유사한 설명 - FSBM15SL60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSAM15SL60 FAIRCHILD-FSAM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM50SM60A FAIRCHILD-FSAM50SM60A Datasheet
421Kb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSBM20SL60 FAIRCHILD-FSBM20SL60 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SM60A FAIRCHILD-FSAM20SM60A Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM30SH60A FAIRCHILD-FSAM30SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SH60 FAIRCHILD-FSBM15SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM30SH60 FAIRCHILD-FSBM30SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A Datasheet
975Kb / 17P
   SPMTM (Smart Power Module)
FSAM75SM60A FAIRCHILD-FSAM75SM60A Datasheet
385Kb / 16P
   SPMTM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com