전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4066BCN 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 CD4066BCN
상세설명  Wide supply voltage range 3V to 15V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CD4066BCN 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  CD4066BCN Datasheet HTML 1Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 2Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 3Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 4Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 5Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 6Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 7Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 8Page - List of Unclassifed Manufacturers CD4066BCN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Test Circuits and Switching Time Waveforms
FIGURE 1. tPHL, tPLH Propagation Delay Time Signal Input to Signal Output
FIGURE 2. tPZH, tPHZ Propagation Delay Time Control to Signal Output
FIGURE 3. tPZL, tPLZ Propagation Delay Time Control to Signal Output
VC = VDD for distortion and frequency response tests
VC = VSS for feedthrough test
FIGURE 4. Sine Wave Distortion, Frequency Response and Feedthrough


유사한 부품 번호 - CD4066BCN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4066BCN FAIRCHILD-CD4066BCN Datasheet
111Kb / 9P
   Quad Bilateral Switch
CD4066BCN FAIRCHILD-CD4066BCN Datasheet
114Kb / 9P
   Quad Bilateral Switch
More results

유사한 설명 - CD4066BCN

제조업체부품명데이터시트상세설명
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
List of Unclassifed Man...
PL8333 ETC2-PL8333 Datasheet
655Kb / 2P
   Wide supply voltage range: 2.4V to 5V
logo
Maxim Integrated Produc...
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
   5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
logo
Rochester Electronics
MM54C89 ROCHESTER-MM54C89 Datasheet
605Kb / 6P
   Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
   Wide power supply voltage range
logo
Hi-Sincerity Mocroelect...
H177 HSMC-H177 Datasheet
207Kb / 6P
   Wide range of supply voltage: 3.5V to 28V.
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
   Wide supply voltage range, from 2.4 to 5.5 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
[Old version datasheet]   Wide Supply-Voltage Range 3 V to 30 V
logo
Analog Devices
AD8426_1108 AD-AD8426_1108 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com