전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6911 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 FDS6911
상세설명  Fast switching speed, Low gate charge
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FDS6911 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  FDS6911 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 4Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 5Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
March 2006
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDS6911 Rev A(W)
FDS6911
Dual N-Channel Logic Level PowerTrench
® MOSFET
20V, 7.5A, 13m
Ω
General Description
These N-Channel Logic Level MOSFETs are produced
using
Fairchild
Semiconductor’s
advanced
PowerTrench process that has been especially tailored
to minimize the on-state resistance and yet maintain
superior switching performance.
These devices are well suited for low voltage and
battery powered applications where low in-line power
loss and fast switching are required.
Features
rDS(on) = 13 mΩ @ VGS = 10 V
rDS(on) = 17 mΩ @ VGS = 4.5 V
Fast switching speed
Low gate charge
High performance trench technology for extremely
low RDS(ON)
High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
D1
D1
D2
D2
S1
G1
S2
G2
Pin 1
SO-8
4
3
2
1
5
6
7
8
Q1
Q2
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
± 20
V
ID
Drain Current
– Continuous
(Note 1a)
7.5
A
– Pulsed
20
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1.0
PD
(Note 1c)
0.9
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6911
FDS6911
13’’
12mm
2500 units


유사한 부품 번호 - FDS6911

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6911 FAIRCHILD-FDS6911 Datasheet
115Kb / 6P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET 20V, 7.5A, 13m廓
FDS6911 FAIRCHILD-FDS6911_11 Datasheet
200Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET 20V, 7.5A, 13m廓
More results

유사한 설명 - FDS6911

제조업체부품명데이터시트상세설명
logo
Advanced Power Electron...
AP4519GED A-POWER-AP4519GED Datasheet
100Kb / 7P
   Low Gate Charge, Fast Switching Speed, PDIP-8 Package
AP4523GD A-POWER-AP4523GD Datasheet
99Kb / 7P
   Low Gate Charge, Fast Switching Speed, PDIP-8 Package
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
AP2530AGY-HF A-POWER-AP2530AGY-HF Datasheet
126Kb / 7P
   Low Gate Charge, Fast Switching Performance
AP2533GY-HF A-POWER-AP2533GY-HF Datasheet
124Kb / 7P
   Low Gate Charge, Fast Switching Performance
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com