전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP1719MP4B 데이터시트(Datasheet) 2 Page - List of Unclassifed Manufacturers

부품명 HLMP1719MP4B
상세내용  Low power consumption(low current drive at 2mA), Solid state reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

   
 2 page
background image
LOW CURRENT T-100 & T-1 3/4
SOLID STATE LAMPS
ABSOLUTE MAXIMUM RATING (TA =25°C)
Parameter
HER
YELLOW
GREEN
UNITS
Power Dissipation (derated from 92°C at 1mA/°C)
27
24
27
mW
Peak Forward Current (PW ≤ 1 ms, DF ≤ 30 %)
25
20
25
mA
Continuous Forward Current
7.5
7.5
7.5
mA
Lead Soldering Time at 260° C
5
5
5
sec
Reverse Breakdown Voltage (V)
5
5
5
IR = 100µA
Operating Temperature
-55 to +100
-55 to +100
-55 to +100
°C
Storage Temperature
-55 to +100
-55 to +100
-55 to +100
°C
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
HER YELLOW Parameter
HLMP-1700/4700HLMP-1719/4719Luminous Intensity
(mcd) Minimum 1.0/1.2 1.0/1.2 Typical 2.0/2.0 2.0/2.0 Forward Voltage (V)
Maximum 2.2 2.7 Typical 1.8 1.9 Peak Wavelength (nm) 635 585 Spectral Line
Half Width 45 35 Viewing Angle (°) 50/35 50/35
GREEN
HLMP-1790/4740(MV2454)1.0/1.2
2.0/3.0 2.7 1.9 565 30 50/35
Condition
IF =
2mA IF = 2mA IF
= 2mA IF = 2mA
IF = 2mA




Html 페이지

1  2  3  4 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl