전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4081BE 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 CD4081BE
상세설명  100% tested for quiescent current at 20V
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD4081BE 데이터시트(HTML) 10 Page - Texas Instruments

Back Button CD4081BE Datasheet HTML 6Page - Texas Instruments CD4081BE Datasheet HTML 7Page - Texas Instruments CD4081BE Datasheet HTML 8Page - Texas Instruments CD4081BE Datasheet HTML 9Page - Texas Instruments CD4081BE Datasheet HTML 10Page - Texas Instruments CD4081BE Datasheet HTML 11Page - Texas Instruments CD4081BE Datasheet HTML 12Page - Texas Instruments CD4081BE Datasheet HTML 13Page - Texas Instruments CD4081BE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CD4073BM96
SOIC
D
14
2500
346.0
346.0
33.0
CD4073BNSR
SO
NS
14
2000
346.0
346.0
33.0
CD4073BPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
CD4081BM96
SOIC
D
14
2500
346.0
346.0
33.0
CD4081BNSR
SO
NS
14
2000
346.0
346.0
33.0
CD4081BPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
CD4082BM96
SOIC
D
14
2500
346.0
346.0
33.0
CD4082BNSR
SO
NS
14
2000
346.0
346.0
33.0
CD4082BPWR
TSSOP
PW
14
2000
346.0
346.0
29.0
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 2


유사한 부품 번호 - CD4081BE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4081BE TI-CD4081BE Datasheet
223Kb / 5P
[Old version datasheet]   CMOS AND GATES
CD4081BE TI-CD4081BE Datasheet
530Kb / 12P
[Old version datasheet]   CMOS AND GATES
CD4081BE TI1-CD4081BE Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
CD4081BE TI1-CD4081BE Datasheet
1Mb / 29P
[Old version datasheet]   CMOS AND Gates
CD4081BEE4 TI1-CD4081BEE4 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
More results

유사한 설명 - CD4081BE

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE512C ACE-ACE512C Datasheet
489Kb / 7P
   Low Quiescent Current: 100uA at 5V
VER 1.1
logo
Microsemi Corporation
APT30M70BVRG MICROSEMI-APT30M70BVRG Datasheet
63Kb / 4P
   100% Avalanche Tested
logo
SemiHow Co.,Ltd.
HRF130N06K SEMIHOW-HRF130N06K Datasheet
872Kb / 7P
   100% Avalanche Tested
HRF85N08K SEMIHOW-HRF85N08K Datasheet
185Kb / 7P
   100% Avalanche Tested
HRLF80N06K SEMIHOW-HRLF80N06K Datasheet
190Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD9HN65M2 STMICROELECTRONICS-STD9HN65M2 Datasheet
505Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD7LN80K5 STMICROELECTRONICS-STD7LN80K5 Datasheet
824Kb / 16P
   100% avalanche tested
STD13N65M2 STMICROELECTRONICS-STD13N65M2 Datasheet
556Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF55N03K SEMIHOW-HRLF55N03K Datasheet
238Kb / 7P
   100% Avalanche Tested
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com