전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD637KQ 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD637KQ
상세설명  High Precision, Wideband RMS-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD637KQ 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD637KQ Datasheet HTML 7Page - Analog Devices AD637KQ Datasheet HTML 8Page - Analog Devices AD637KQ Datasheet HTML 9Page - Analog Devices AD637KQ Datasheet HTML 10Page - Analog Devices AD637KQ Datasheet HTML 11Page - Analog Devices AD637KQ Datasheet HTML 12Page - Analog Devices AD637KQ Datasheet HTML 13Page - Analog Devices AD637KQ Datasheet HTML 14Page - Analog Devices AD637KQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD637
Rev. K | Page 11 of 20
Table 5. Practical Values of CAV and C2 for Various Input Waveforms
Recommended Standard Values for CAV and C2
for 1% Averaging Error @ 60 Hz with T = 16.6 ms
Input Waveform
and Period
Absolute Value
Circuit Waveform
and Period
Minimum R × CAV
Time Constant
CAV (μF)
C2 (μF)
1% Settling
Time
Symmetrical Sine Wave
A
0V
T
1/2T
1/2T
0.47
1.5
181 ms
Sine Wave with dc Offset
B
0V
T
T
T
0.82
2.7
325 ms
Pulse Train Waveform
C
T2
0V
T
T2
T
10 (T − T2)
6.8
22
2.67 sec
D
T2
0V
T
T2
T
10 (T − 2T2)
5.6
18
2.17 sec
FREQUENCY RESPONSE
The frequency response of the AD637 at various signal levels is
shown in Figure 15. The dashed lines show the upper frequency
limits for 1%, 10%, and ±3 dB of additional error. For example,
note that for 1% additional error with a 2 V rms input, the
highest frequency allowable is 200 kHz. A 200 mV signal can
be measured with 1% error at signal frequencies up to 100 kHz.
To take full advantage of the wide bandwidth of the AD637,
care must be taken in the selection of the input buffer amplifier.
To ensure that the input signal is accurately presented to the
converter, the input buffer must have a −3 dB bandwidth that is
wider than that of the AD637. Note the importance of slew rate
in this application. For example, the minimum slew rate required
for a 1 V rms, 5 MHz, sine wave input signal is 44 V/μs. The user is
cautioned that this is the minimum rising or falling slew rate
and that care must be exercised in the selection of the buffer
amplifier, because some amplifiers exhibit a two-to-one
difference between rising and falling slew rates. The AD845 is
recommended as a precision input buffer.
10
1k
10M
10k
100k
1M
1
0.1
0.01
1%
±3dB
10%
7V RMS INPUT
2V RMS INPUT
1V RMS INPUT
100mV RMS INPUT
10mV RMS INPUT
INPUT FREQUENCY (Hz)
Figure 15. Frequency Response


유사한 부품 번호 - AD637KQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD637KQ AD-AD637KQ Datasheet
160Kb / 10P
   High Precision, Wide-Band RMS-to-DC Converter
REV. E
logo
List of Unclassifed Man...
AD637KQ ETC2-AD637KQ Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - AD637KQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD637 AD-AD637_15 Datasheet
808Kb / 21P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637ARZ AD-AD637ARZ Datasheet
613Kb / 20P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
logo
Linear Technology
LTC1966 LINER-LTC1966_11 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LTC1966 LINER-LTC1966_15 Datasheet
397Kb / 38P
   Precision Micropower RMS-to-DC Converter
logo
Analog Devices
AD637 AD-AD637 Datasheet
160Kb / 10P
   High Precision, Wide-Band RMS-to-DC Converter
REV. E
logo
Linear Technology
LTC1966 LINER-LTC1966 Datasheet
444Kb / 32P
   Precision Micropower, SIGMA RMS-to-DC Converter
LTC1967 LINER-LTC1967 Datasheet
328Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1967 LINER-LTC1967_15 Datasheet
333Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com