전자부품 데이터시트 검색엔진 |
|
AD5173BRM10 데이터시트(PDF) 7 Page - Analog Devices |
|
AD5173BRM10 데이터시트(HTML) 7 Page - Analog Devices |
7 / 24 page AD5172/AD5173 Rev. H | Page 7 of 24 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 4. Parameter Rating VDD to GND −0.3 V to +7 V VA, VB, VW to GND VDD Terminal Current, Ax to Bx, Ax to Wx, Bx to Wx1 Pulsed ±20 mA Continuous ±5 mA Digital Inputs and Output Voltage to GND 0 V to 7 V Operating Temperature Range −40°C to +125°C Maximum Junction Temperature (TJMAX) 150°C Storage Temperature Range −65°C to +150°C Reflow Soldering Peak Temperature 260°C Time at Peak Temperature 20 sec to 40 sec Thermal Resistance2 θJA for 10-Lead MSOP 200°C/W 1 The maximum terminal current is bound by the maximum current handling of the switches, the maximum power dissipation of the package, and the maximum applied voltage across any two of the A, B, and W terminals at a given resistance. 2 The package power dissipation is (TJMAX − TA)/θJA. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
유사한 부품 번호 - AD5173BRM10 |
|
유사한 설명 - AD5173BRM10 |