전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8641AKSZ-REEL7 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD8641AKSZ-REEL7
상세설명  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8641AKSZ-REEL7 데이터시트(HTML) 5 Page - Analog Devices

  AD8641AKSZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8641AKSZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8641AKSZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8641AKSZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8641AKSZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8641AKSZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8641AKSZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8641AKSZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8641AKSZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8641/AD8642/AD8643
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
Supply Voltage
27.3 V
Input Voltage
VS− to VS+
Differential Input Voltage
±Supply Voltage
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
KS-5, R-8, RM-8, R-14, CP-16 Packages
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
KS-5, R-8, RM-8, R-14, CP-16 Packages
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. This
was measured using a standard 4-layer board. For the LFCSP
package, solder the exposed pad to a copper plane, which
should be connected to V+.
Table 4.
Package Type
θJA
θJC
Unit
5-Lead SC70 (KS)
430
149
°C/W
8-Lead SOIC (R)
121
43
°C/W
8-Lead MSOP (RM)
142
45
°C/W
14-Lead SOIC (R)
110
36
°C/W
16-Lead LFCSP (CP)
81
16
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


유사한 부품 번호 - AD8641AKSZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8641AKSZ-REEL7 AD-AD8641AKSZ-REEL7 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641AKSZ-REEL7 AD-AD8641AKSZ-REEL7 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8641AKSZ-REEL7 AD-AD8641AKSZ-REEL7 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
More results

유사한 설명 - AD8641AKSZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA145 TI1-OPA145 Datasheet
1Mb / 40P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V03 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145_V01 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com