전자부품 데이터시트 검색엔진 |
|
AD8641ARZ-REEL7 데이터시트(PDF) 1 Page - Analog Devices |
|
AD8641ARZ-REEL7 데이터시트(HTML) 1 Page - Analog Devices |
1 / 16 page Low Power, Rail-to-Rail Output, Precision JFET Amplifiers Data Sheet AD8641/AD8642/AD8643 Rev. E Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2004–2011 Analog Devices, Inc. All rights reserved. FEATURES Low supply current: 250 μA max Very low input bias current: 1 pA max Low offset voltage: 750 μV max Single-supply operation: 5 V to 26 V Dual-supply operation: ±2.5 V to ±13 V Rail-to-rail output Unity-gain stable No phase reversal SC70 package APPLICATIONS Line-/battery-powered instruments Photodiode amplifiers Precision current sensing Medical instrumentation Industrial controls Precision filters Portable audio ATE GENERAL DESCRIPTION The AD8641/AD8642/AD8643 are low power, precision JFET input amplifiers featuring extremely low input bias current and rail-to-rail output. The ability to swing nearly rail-to-rail at the input and rail-to-rail at the output enables designers to buffer CMOS DACs, ASICs, and other wide output swing devices in single-supply systems. The outputs remain stable with capacitive loads of more than 500 pF. The AD8641/AD8642/AD8643 are suitable for applications utilizing multichannel boards that require low power to manage heat. Other applications include photodiodes, ATE reference level drivers, battery management, and industrial controls. The AD8641/AD8642/AD8643 are fully specified over the extended industrial temperature range of –40°C to +125°C. The AD8641 is available in 5-lead SC70 and 8-lead SOIC lead-free packages. The AD8642 is available in 8-lead MSOP and 8-lead SOIC lead-free packages. The AD8643 is available in 14-lead SOIC and 16-lead, 3 mm × 3 mm, LFCSP lead-free packages. PIN CONFIGURATIONS OUT 1 +IN 3 VEE 2 VCC 5 –IN 4 AD8641 TOP VIEW (Not to Scale) Figure 1. 5-Lead SC70 (KS-5) NC 1 –IN 2 +IN 3 VEE 4 NC 8 VCC 7 OUT 6 NC 5 AD8641 TOP VIEW (Not to Scale) NC = NO CONNECT Figure 2. 8-Lead SOIC (R-8) OUT A 1 –IN A 2 +IN A 3 V– 4 V+ 8 OUT B 7 –IN B 6 +IN B 5 AD8642 TOP VIEW (Not to Scale) Figure 3. 8-Lead SOIC (R-8) OUT A 1 –IN A 2 +IN A 3 V– 4 V+ 8 OUT B 7 –IN B 6 +IN B 5 AD8642 TOP VIEW (Not to Scale) Figure 4. 8-Lead MSOP (RM-8) OUT A 1 OUT D 14 –IN A 2 –IN D 13 +IN A 3 +IN D 12 V+ 4 V– 11 +IN B 5 +IN C 10 –IN B 6 –IN C 9 OUT B 7 OUT C 8 TOP VIEW (Not to Scale) AD8643 Figure 5. 14-Lead SOIC (R-14) 12 11 10 9 +IN C V– +IN D –IN D 1 –IN A 2 3 4 +IN B V+ +IN A AD8643 TOP VIEW PIN 1 INDICATOR NOTES 1. NC = NO CONNECT. 2. EXPOSED PAD SHOULD BE CONNECTED TO V+. Figure 6. 16-Lead LFCSP (CP-16) (Not Drawn to Scale) |
유사한 부품 번호 - AD8641ARZ-REEL7 |
|
유사한 설명 - AD8641ARZ-REEL7 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |