전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8642ARMZ-REEL 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8642ARMZ-REEL
상세설명  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8642ARMZ-REEL 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8642ARMZ-REEL Datasheet HTML 3Page - Analog Devices AD8642ARMZ-REEL Datasheet HTML 4Page - Analog Devices AD8642ARMZ-REEL Datasheet HTML 5Page - Analog Devices AD8642ARMZ-REEL Datasheet HTML 6Page - Analog Devices AD8642ARMZ-REEL Datasheet HTML 7Page - Analog Devices AD8642ARMZ-REEL Datasheet HTML 8Page - Analog Devices AD8642ARMZ-REEL Datasheet HTML 9Page - Analog Devices AD8642ARMZ-REEL Datasheet HTML 10Page - Analog Devices AD8642ARMZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD8641/AD8642/AD8643
Rev. E | Page 7 of 16
0.1
1
10
100
1000
50
75
0
25
100
125
150
TEMPERATURE (
°C)
VSY = ±13V
Figure 13. Input Bias Current vs. Temperature
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
VSY = +5V OR ±5V
Figure 14. Input Bias Current vs. VCM
–15 –13 –11
–9
–7
–5
–3
–1
1
3
5
7
9
11
13
15
VCM (V)
0
–100
0
200
600
800
1000
400
100
500
700
900
300
VSY = ±13V
Figure 15. Input Offset Voltage vs. VCM
–500
–400
–300
–200
–100
0
100
200
300
400
500
1.0
1.5
0
0.5
2.0
2.5
VCM (V)
VSY = 5V
Figure 16. Input Offset Voltage vs. VCM
10k
1M
100k
10M
LOAD RESISTANCE (k
Ω)
0.1
10
1
100
VSY = ±13V
VSY = ±2.5V
Figure 17. Open-Loop Gain vs. Load Resistance
1
100
10
1000
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (
°C)
A. VSY = ±13V, VO = ±11V, RL = 10kΩ
B. VSY = ±13V, VO = ±11V, RL = 2kΩ
C. VSY = +5V, VO = +0.5V/+4.5V, RL = 10kΩ
D. VSY = +5V, VO = +0.5V/+4.5V, RL = 2kΩ
E. VSY = +5V, VO = +0.5V/+4.5V, RL = 600Ω
A
B
C
D
E
Figure 18. Open-Loop Gain vs. Temperature


유사한 부품 번호 - AD8642ARMZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8642ARMZ-REEL AD-AD8642ARMZ-REEL Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ-REEL AD-AD8642ARMZ-REEL Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
More results

유사한 설명 - AD8642ARMZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA145 TI1-OPA145 Datasheet
1Mb / 40P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V03 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145_V01 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com