전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM2209EARUZ 데이터시트(PDF) 1 Page - Analog Devices

부품명 ADM2209EARUZ
상세설명  EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM2209EARUZ 데이터시트(HTML) 1 Page - Analog Devices

  ADM2209EARUZ Datasheet HTML 1Page - Analog Devices ADM2209EARUZ Datasheet HTML 2Page - Analog Devices ADM2209EARUZ Datasheet HTML 3Page - Analog Devices ADM2209EARUZ Datasheet HTML 4Page - Analog Devices ADM2209EARUZ Datasheet HTML 5Page - Analog Devices ADM2209EARUZ Datasheet HTML 6Page - Analog Devices ADM2209EARUZ Datasheet HTML 7Page - Analog Devices ADM2209EARUZ Datasheet HTML 8Page - Analog Devices ADM2209EARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM2209E
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
EMI-/EMC-Compliant
15 kV ESD Protected,
Dual RS-232 Port with Standby
FEATURES
Two Complete Serial Ports, Six Drivers and Ten Receivers
Operates with 3 V or 5 V Logic
Low Power CMOS: <5 mA Operation
Low Standby Current: 100
A
460 kbit/s Data Rate Guaranteed Laplink®-Compatible
0.1
F Charge Pump Capacitors
Single +12 V Power Supply
+3.3 V/+5 V Standby Supply
One Receiver on Each Port Active in Standby
Complies with 89/336/EEC EMC Directive
ESD Protection to IEC1000-4-2 (801.2)
8 kV: Contact Discharge
15 kV: Air-Gap Discharge
15 kV: Human Body Model
Electrical Fast Transient (EFT) Immunity (IEC1000-4-4)
Low EMI Emissions (EN55022)
Eliminates Costly TransZorbs®
Conforms to EIA/TIA-232-E Specifications
Fail-Safe Receiver Outputs
APPLICATIONS
Personal Computers
Printers
Peripherals
Modems
FUNCTIONAL BLOCK DIAGRAM
+
T1
R1OUTAR1INA
T2
R2OUTA
R2INA
T3
T3OUTA
T3INA
R1
T1INAT1OUTA
R5
R4
R3
R3OUTA
R4OUTA
R5OUTA
R3INA
R4INA
R5INA
R2
T2INA
T2OUTA
VDD
T1
R1OUTB
R1INB
T2
R2OUTB
R2INB
T3
T3OUTB
T3INB
R1
T1INB
T1OUTB
R5
R4
R3
R3OUTB
R4OUTB
R5OUTB
R3INB
R4INB
R5INB
R2
T2INB
T2OUTB
GND
V–
STBY
C+
C–
0.1 F
0.1 F
CHARGE PUMP
VOLTAGE INVERTER
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
ADM2209E
0.1 F
0.1 F
3.3V/5V
+12V
+
GENERAL DESCRIPTION
The ADM2209E is a complete, dual RS-232 port on a single
chip, containing six drivers and ten receivers and fully meeting
EIA-232 and V.28 specifications. The device features an on-
board dc-to-dc converter to generate a –12 V power rail, elimi-
nating the need for a negative power supply.
The ADM2209E is suitable for operation in harsh electrical
environments and is compliant with the EU directive on EMC
(89/336/EEC). Both the level of emissions and immunity are in
compliance. EM immunity includes ESD protection in excess of
±15 kV on all I-O lines (1000-4-2), Electrical Fast Transient
protection (1000-4-4) and Radiated Immunity (1000-4-3). EM
emissions include radiated and conducted emissions as required
by Information Technology Equipment EN55022, CISPR22.
The ADM2209E conforms to the EIA-232E and CCITT V.28
specifications and operates at data rates up to 460 kbps.
In standby mode, one receiver on each port (R5) remains active
to allow monitoring of peripheral devices while the rest of the
system is in power-saving mode. This feature allows the
ADM2209E to wake up the system when a peripheral device
begins communication.
The ADM2209E is available in a 38-lead TSSOP package.
Laplink is a registered trademark of Traveling Software, Inc.
TransZorb is a registered trademark of General Semiconductor Industries, Inc.


유사한 부품 번호 - ADM2209EARUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2209EARU AD-ADM2209EARU Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
More results

유사한 설명 - ADM2209EARUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
logo
Maxim Integrated Produc...
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
logo
Analog Devices
ADM2209E AD-ADM2209E_15 Datasheet
146Kb / 12P
   Dual RS-232 Port with Standby
REV. 0
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com